Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AT Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6599AT
Description  Improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6599AT Datasheet HTML 22Page - STMicroelectronics L6599AT Datasheet HTML 23Page - STMicroelectronics L6599AT Datasheet HTML 24Page - STMicroelectronics L6599AT Datasheet HTML 25Page - STMicroelectronics L6599AT Datasheet HTML 26Page - STMicroelectronics L6599AT Datasheet HTML 27Page - STMicroelectronics L6599AT Datasheet HTML 28Page - STMicroelectronics L6599AT Datasheet HTML 29Page - STMicroelectronics L6599AT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Application information
L6599AT
26/32
DocID15534 Rev 7
This concern applies to converters designed with a high resonance frequency (indicatively,
> 150 kHz), so that they run at high frequency also at full load. Otherwise, the converter runs
at high frequency at light load, where the current flowing in the MOSFETs of the half bridge
leg is low, so that, generally, an R(DS)ON rise is not an issue. However, it is wise to check this
point anyway and the following equation is useful to compute the drop on the bootstrap
driver:
Equation 13
where Qg is the gate charge of the external power MOSFET, R(DS)ON is the on-resistance of
the bootstrap DMOS (150 W, typ.) and Tcharge is the ON-time of the bootstrap driver, which
equals about half the switching period minus the deadtime TD. For example, using
a MOSFET with a total gate charge of 30 nC, the drop on the bootstrap driver is about 3 V at
a switching frequency of 200 kHz:
Equation 14
If a significant drop on the bootstrap driver is an issue, an external ultra-fast diode can be
used, therefore saving the drop on the R(DS)ON of the internal DMOS.
F
on
)
DS
(
e
arg
ch
g
F
on
)
DS
(
e
arg
ch
Drop
V
R
T
Q
V
R
I
V
V
7
.
2
6
.
0
150
10
27
.
0
10
5
.
2
10
30
V
6
6
9
Drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com