Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AT Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6599AT
Description  Improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6599AT Datasheet HTML 20Page - STMicroelectronics L6599AT Datasheet HTML 21Page - STMicroelectronics L6599AT Datasheet HTML 22Page - STMicroelectronics L6599AT Datasheet HTML 23Page - STMicroelectronics L6599AT Datasheet HTML 24Page - STMicroelectronics L6599AT Datasheet HTML 25Page - STMicroelectronics L6599AT Datasheet HTML 26Page - STMicroelectronics L6599AT Datasheet HTML 27Page - STMicroelectronics L6599AT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Application information
L6599AT
24/32
DocID15534 Rev 7
Figure 13. Line sensing function: internal block diagram and timing diagram
With reference to Figure 11, the following relationships can be established for the ON
(VinON) and OFF (VinOFF) thresholds of the input voltage:
Equation 11
which, solved for RH and RL, yields:
Equation 12
While the line undervoltage is active, the startup generator keeps on working but there is no
PWM activity, therefore the VCC voltage (if not supplied by another source) continuously
oscillates between the startup and the UVLO thresholds, as shown in the timing diagram of
Figure 13.
As an additional safety measure (e.g. in case the low-side resistor is open or missing, or in
non-power factor corrected systems in case of abnormally high input voltage), if the voltage
on the pin exceeds 7 V, the L6599AT is shut down. If its supply voltage is always above the
UVLO threshold, the IC restarts as the voltage falls below 7 V.
The LINE pin, while the device is operating, is a high impedance input connected to high
value resistors, therefore it is prone to pick-up noise, which might alter the OFF threshold or
give origin to undesired switch-off of the IC during ESD tests. It is possible to bypass the pin
to ground with a small film capacitor (e.g. 1-10 nF) to prevent any malfunctioning of this
L
H
OFF
L
6
H
ON
R
24
.
1
R
24
.
1
Vin
R
24
.
1
10
13
R
24
.
1
Vin
24
.
1
Vin
24
.
1
R
R
;
10
13
Vin
Vin
R
OFF
H
L
6
OFF
ON
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com