Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AT Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6599AT
Description  Improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6599AT Datasheet HTML 9Page - STMicroelectronics L6599AT Datasheet HTML 10Page - STMicroelectronics L6599AT Datasheet HTML 11Page - STMicroelectronics L6599AT Datasheet HTML 12Page - STMicroelectronics L6599AT Datasheet HTML 13Page - STMicroelectronics L6599AT Datasheet HTML 14Page - STMicroelectronics L6599AT Datasheet HTML 15Page - STMicroelectronics L6599AT Datasheet HTML 16Page - STMicroelectronics L6599AT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID15534 Rev 7
13/32
L6599AT
Application information
32
Figure 4. Typical system block diagram
6.1
Oscillator
The oscillator is programmed externally by means of a capacitor (CF), connected from the
pin 3 (CF) to ground, that is alternately charged and discharged by the current defined with
the network connected to pin 4 (RFmin). The pin provides an accurate 2 V reference with
about 2 mA source capability and the higher the current sourced by the pin is, the higher the
oscillator frequency is. The block diagram of Figure 5 shows a simplified internal circuit that
explains the operation.
The network that loads the RFmin pin is generally made up of three branches:
1.
A resistor RFmin connected between the pin and ground that determines the minimum
operating frequency.
2.
A resistor RFmax connected between the pin and the collector of the (emitter-grounded)
phototransistor that transfers the feedback signal from the secondary side back to the
primary side; while in operation, the phototransistor modulates the current through this
branch - therefore modulating the oscillator frequency - to perform output voltage
regulation; the value of RFmax determines the maximum frequency the half bridge is
operated at when the phototransistor is fully saturated.
3.
An R-C series circuit (CSS+RSS) connected between the pin and ground that enables
a frequency shift to be set up at startup (see Section 6.3: Soft-start on page 18). Note
that the contribution of this branch is zero during steady-state operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com