Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 5Page - STMicroelectronics L6788A Datasheet HTML 6Page - STMicroelectronics L6788A Datasheet HTML 7Page - STMicroelectronics L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics L6788A Datasheet HTML 10Page - STMicroelectronics L6788A Datasheet HTML 11Page - STMicroelectronics L6788A Datasheet HTML 12Page - STMicroelectronics L6788A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
L6788A
Pins description and connection diagram
Doc ID 15341 Rev 2
9/18
38
VCC1_IC
Device supply voltage pin. The operative supply voltage is 12 V ± 10%.
Connect to 12 V_BUS and filter with RC network (R = 2.2 /0603 size, and
C=1x1 µF MLCC capacitor vs. PGND).
39
LGATE1
Channel 1 LS driver output. Driver can support 12 V bus voltage.
A small series resistor helps in reducing device-dissipated power.
40
PHASE1
Channel 1 HS driver return path. Connected to the HS1 MOSFET source and
provides return path for the HS driver of channel 1.
41
PGND
Power ground pin (LS drivers return path). Connect to power ground plane.
Exposed pad connects also the silicon substrate. As a consequence it makes
a good thermal contact with the PCB to dissipate the power necessary to drive
the external MOSFETs. Connect it to the power ground plane using 4.2x4.2
mm square area on the PCB and with sixteen vias to improve electrical and
thermal conductivity.
Table 2.
Pin description (continued)
Pin n°
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com