Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics L6788A Datasheet HTML 10Page - STMicroelectronics L6788A Datasheet HTML 11Page - STMicroelectronics L6788A Datasheet HTML 12Page - STMicroelectronics L6788A Datasheet HTML 13Page - STMicroelectronics L6788A Datasheet HTML 14Page - STMicroelectronics L6788A Datasheet HTML 15Page - STMicroelectronics L6788A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Electrical specifications
L6788A
12/18
Doc ID 15341 Rev 2
Reference and DAC
VOUT
Output voltage accuracy
VOUT > 0.800 V; RIREF=12.4 kΩ
-2
-
2
%
IRX
RX source current
RIREF = 12.4 kΩ resistor to AGND.
100
μA
VIREF
IREF pin voltage
RIREF = 12.4 kΩ resistor to AGND.
1.240
V
5VCC
Accuracy
I5VCC = 2 mA to 20 mA; C = 1 µF
to PGND.
-2.5
2.5
%
Maximum output current
C = 1 µF to PGND.
25
mA
VID
VID threshold; PVID mode
Input low
0.7
V
Input high
1.3
V
Pull-down current
VIDx to 3.3 V
10
μA
Protections
OCPAVG
Over current threshold
on total output current
IOUT/OCP rising
1.700
V
IOCTH
Over current threshold
for each phase
ICSX- rising;
RIREF = 12.4 kΩ resistor to AGND.
33
μA
OVP
Over voltage threshold
VSEN rising;
% programmed reference voltage
140
%
UVP
Under voltage threshold
VSEN falling;
% programmed reference voltage
50
%
Thermal monitor
VTCS
OT warning
TCS rising
1.500
V
OT shut down
TCS rising
2.500
V
Soft-start end indicator
VPOK
POK low voltage
I = -4 mA
0.4
V
Error amplifier
AO
100
dB
GBWP
Gain bandwidth product
15
MHz
SR
Slew rate
COMP = 10 pF to AGND
2
V/
μs
Gate drivers
IUGATEx
High side source current
BOOTx-PHASEx = 12 V;
CUGATEx to PHASEx = 3.3 nF
1.5
A
RUGATEx
High side sink resistance
BOOTx-PHASEx = 12 V;
2
Ω
ILGATEx
Low side source current
VCC1_IC=VCC2_DR = 12 V;
CLGATEx to PGND = 5.6 nF
2A
RLGATEx
Low side sink resistance
VCC1_IC = VCC2_DR = 12 V;
1
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com