Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 5 Page - STMicroelectronics

  L6788A Datasheet HTML 1Page - STMicroelectronics L6788A Datasheet HTML 2Page - STMicroelectronics L6788A Datasheet HTML 3Page - STMicroelectronics L6788A Datasheet HTML 4Page - STMicroelectronics L6788A Datasheet HTML 5Page - STMicroelectronics L6788A Datasheet HTML 6Page - STMicroelectronics L6788A Datasheet HTML 7Page - STMicroelectronics L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
L6788A
Pins description and connection diagram
Doc ID 15341 Rev 2
5/18
2
Pins description and connection diagram
Figure 3.
Pin connection (top view)
2.1
Pin description
31
32
33
34
35
36
37
38
39
40
123456789
10
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
PHASE3
LGATE3
VCC2_DR
UGATE2
BOOT2
PHASE2
LGATE2
VCC1_IC
LGATE1
PHASE1
FB
FBRTN
CS3+
CS3-
CS2+
CS2-
CS1+
CS1-
R1
R2
PGND
Table 2.
Pin description
Pin n°
Name
Description
1BOOT1
Channel 1 HS driver supply. Connect through a capacitor (100 nF typ.) to
PHASE1
Needed external bootstrap diode.
The device implements Vin detections through this pin. See “vin detection”
section for details. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge (see reference schematic).
2UGATE1
Channel 1 HS driver output. It must be connected to the HS1 MOSFET gate.
A small series resistors helps in reducing device-dissipated power.
3POK
Power OK
Open drain output sets free after soft start has finished and pulled low when
triggering any latched protection (OVP, UVP, OCP average).
Pull up to a voltage lower than 3.3 V (typ), if not used it can be left floating.
4
SCL
Serial BUS clock input.
5
SDA
Serial BUS data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com