Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6788A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 7Page - STMicroelectronics L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics L6788A Datasheet HTML 10Page - STMicroelectronics L6788A Datasheet HTML 11Page - STMicroelectronics L6788A Datasheet HTML 12Page - STMicroelectronics L6788A Datasheet HTML 13Page - STMicroelectronics L6788A Datasheet HTML 14Page - STMicroelectronics L6788A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
L6788A
Electrical specifications
Doc ID 15341 Rev 2
11/18
4
Electrical specifications
4.1
Electrical characteristics
VCC = 12 V ± 15%, TJ = 25 °C unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltages operating conditions
VCC1_IC
Device supply voltage
10.8
12
13.2
V
VCC2_DR
LS driver supply voltage
10.8
12
13.2
V
Vsuorces
(VIN)
Conversion input voltage
Vsource1 = Vsource2
10.8
13.2
V
Vsource1-
Vsource2
BOOTx supply current
Max difference between conversion
input voltages (static condition)
2.4
V
Supply current and power-on
ICC1_IC
VCC1_IC supply current
UGATEx and LGATEx OPEN;
VCC1_IC=VCC2_DR=VBOOTx=12 V
25
mA
ICC2_DR
VCC2_DR supply current
LGATEx = OPEN;
VCC1_IC=VCC2_DR= 12 V
6mA
IBOOTx
BOOTx supply current
UGATEx = OPEN; PHASEx to PGND;
VCC1_IC=VCC2_DR=BOOTx=12 V
2mA
UVLOVCC_IC
VCC1_IC turn-ON threshold
VCC1_IC rising;
VCC2_DR = VCC1_IC
7V
VCC1_IC turn-OFF
threshold
VCC1_IC falling;
VCC2_DR = VCC1_IC
5.8
V
UVLO5VCC
5VCC turn-ON threshold
5 VCC rising; VCC1_IC=VCC2_DR>7
3
V
5VCC turn-OFF threshold
5 VCC falling; VCC1_IC=VCC2_DR>7
1
V
Oscillator, soft start time and inhibit
FOSC
Default value
RT = OPEN
200
kHz
Programmability range
RT connected to AGND
200
800
kHz
Trp
Soft start time
VCC1_IC = 12 V; 5VCC = 5 V;
VOUT=1.350 V; EN rising.
35
ms
VR_HOT/EN
ENABLE threshold
Input low
0.7
V
Input high
1.3
V
Pull-Up current
VR_HOT/EN to AGND
10
μA
Voltage at VR_HOT/EN pin
during normal operation
IVR_HOT_EN = 50 μA to 150 μA;
(current sunk by VR_HOT/EN)
1.5
V
ΔVosc
Ramp amplitude
1.5
V
FAULT
Voltage at pin RT pin
OVP, UVP and OCP avg and thermal
shutdown active
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com