Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP9L Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 9Page - STMicroelectronics LNBP9L Datasheet HTML 10Page - STMicroelectronics LNBP9L Datasheet HTML 11Page - STMicroelectronics LNBP9L Datasheet HTML 12Page - STMicroelectronics LNBP9L Datasheet HTML 13Page - STMicroelectronics LNBP9L Datasheet HTML 14Page - STMicroelectronics LNBP9L Datasheet HTML 15Page - STMicroelectronics LNBP9L Datasheet HTML 16Page - STMicroelectronics LNBP9L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Typical performance characteristics
13/21
7
Typical performance characteristics
(Refer to the typical application circuit, TJ from 0 to 85 °C. Typical values are referred to
TJ = 25 °C).
Figure 9.
Output voltage vs. temperature
Figure 10.
Output voltage vs. temperature
Figure 11.
Output voltage vs. temperature
Figure 12.
Output voltage vs. temperature
Figure 13.
Line regulation vs. temperature
Figure 14.
Load regulation vs. temperature
12
12.2
12.4
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
2030
405060
7080
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
12
12.2
12.4
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
2030
405060
7080
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
12
12.2
12.4
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 500 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
12
12.2
12.4
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 500 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
17
17.2
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 18 V
EN/VSEL=H
TEN=L, LLC=L
H = Logic High = 5 V
L = Logic Low = 0 V
17
17.2
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 18 V
EN/VSEL=H
TEN=L, LLC=L
H = Logic High = 5 V
L = Logic Low = 0 V
17
17.2
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 500 mA
V
OUT = 18 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
17
17.2
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = 500 mA
V
OUT = 18 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
-50
-40
-30
-20
-10
0
10
20
30
40
50
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 16 V to 25 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
EN/VSEL=L
TEN=L, LLC=L
H = Logic High = 5 V
L = Logic Low = 0 V
-50
-40
-30
-20
-10
0
10
20
30
40
50
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 16 V to 25 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
EN/VSEL=L
TEN=L, LLC=L
H = Logic High = 5 V
L = Logic Low = 0 V
-250
-200
-150
-100
-50
0
50
100
150
200
250
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = from 50 mA to 500 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
-250
-200
-150
-100
-50
0
50
100
150
200
250
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = from 50 mA to 500 mA
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com