Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP9L Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 10Page - STMicroelectronics LNBP9L Datasheet HTML 11Page - STMicroelectronics LNBP9L Datasheet HTML 12Page - STMicroelectronics LNBP9L Datasheet HTML 13Page - STMicroelectronics LNBP9L Datasheet HTML 14Page - STMicroelectronics LNBP9L Datasheet HTML 15Page - STMicroelectronics LNBP9L Datasheet HTML 16Page - STMicroelectronics LNBP9L Datasheet HTML 17Page - STMicroelectronics LNBP9L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Typical performance characteristics
LNBP8L - LNBP9L - LNBP10L - LNBP11L
14/21
Figure 15.
Load regulation vs. temperature
Figure 16.
Output current limiting vs.
temperature
Figure 17.
Output current limiting vs.
temperature
Figure 18.
Dynamic overload protection ON
time vs. temperature
Figure 19.
Dynamic overload protection OFF
time vs. temperature
Figure 20.
Tone enable
-150
-100
-50
0
50
100
150
200
250
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = from 50 mA to 500 mA
V
OUT = 18 V
-150
-100
-50
0
50
100
150
200
250
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
I
OUT = from 50 mA to 500 mA
V
OUT = 18 V
400
450
500
550
600
650
700
750
800
850
900
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
V
OUT = 13 V
400
450
500
550
600
650
700
750
800
850
900
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
V
OUT = 13 V
400
450
500
550
600
650
700
750
800
850
900
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
V
OUT = 18 V
400
450
500
550
600
650
700
750
800
850
900
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=H
TEN=L, LLC=L
V
CC1 = 15 V
V
CC2 = 23 V
V
OUT = 18 V
10
30
50
70
90
110
130
150
170
190
210
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 16 V
V
CC2 = 23 V
C
ext = 4.7 µF
V
OUT = 13 V
10
30
50
70
90
110
130
150
170
190
210
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
V
CC1 = 16 V
V
CC2 = 23 V
C
ext = 4.7 µF
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
600
700
800
900
1000
1100
1200
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
C
ext = 4.7 µF
V
OUT = 13 V
H = Logic High = 5 V
L = Logic Low = 0 V
EN/VSEL=L
TEN=L, LLC=L
600
700
800
900
1000
1100
1200
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC1 = 15 V
V
CC2 = 23 V
C
ext = 4.7 µF
V
OUT = 13 V
EN/VSEL=L
TEN=H, LLC=L
V
CC1 = 23 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V
EN/VSEL=L
TEN=H, LLC=L
V
CC1 = 23 V
V
CC2 = 23 V
I
OUT = 50 mA
V
OUT = 13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com