Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP9L Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBP9L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBP9L Datasheet HTML 13Page - STMicroelectronics LNBP9L Datasheet HTML 14Page - STMicroelectronics LNBP9L Datasheet HTML 15Page - STMicroelectronics LNBP9L Datasheet HTML 16Page - STMicroelectronics LNBP9L Datasheet HTML 17Page - STMicroelectronics LNBP9L Datasheet HTML 18Page - STMicroelectronics LNBP9L Datasheet HTML 19Page - STMicroelectronics LNBP9L Datasheet HTML 20Page - STMicroelectronics LNBP9L Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Package mechanical data
17/21
Note:
1
Controlling dimensions: millimeter.
2
Burrs larger than 0.25 mm are not allowed on the upper surface of the dissipater (FRONT)
on the lower surface (REAR) the maximum allowed is: 0.05 mm.
3
The side of the dissipater to be connected to the external dissipater must be flat within 30 µ
4
The leads size is comprehensive of the thickness of the leads finishing material.
5
Package outline exclusive of any mold flashes dimensions and metal burrs.
6
Max resin gate protrusion: 0.5 mm.
7
Max resin protrusion: 0.25 mm.
8
The maximum bent leads allowed, in any direction, is: # 2° if the devices are packed in tube.
Table 6.
IPPAK mechanical data
Dim.
(mm.)
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
B0.40
0.60
B2
5.20
5.40
B3
0.70
B5
0.30
B6
1
C0.45
0.60
C2
0.48
0.60
D
6
6.20
E6.40
6.60
e1.27
G4.90
5.25
G1
2.38
2.70
H
15.90
16.30
L
9
9.40
L1
0.80
1.20
L2
0.80
1
V1
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com