Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 55Page - STMicroelectronics SPC560B54X Datasheet HTML 56Page - STMicroelectronics SPC560B54X Datasheet HTML 57Page - STMicroelectronics SPC560B54X Datasheet HTML 58Page - STMicroelectronics SPC560B54X Datasheet HTML 59Page - STMicroelectronics SPC560B54X Datasheet HTML 60Page - STMicroelectronics SPC560B54X Datasheet HTML 61Page - STMicroelectronics SPC560B54X Datasheet HTML 62Page - STMicroelectronics SPC560B54X Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
DocID15131 Rev 9
59/133
SPC560B54x/6x
Electrical characteristics
132
4.4
Recommended operating conditions
Table 13. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
(1)
SR
Voltage on VDD_HV pins with respect to
ground (VSS)
—3.0
3.6
V
VSS_LV
(2)
SR
Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS 0.1
VSS + 0.1
V
VDD_BV
(3)
SR
Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—3.0
3.6
V
Relative to VDD
VDD 0.1 VDD + 0.1
VSS_ADC
SR
Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC reference) pin with
respect to ground (VSS)
—VSS 0.1
VSS + 0.1
V
VDD_ADC
(4)
SR
Voltage on VDD_HV_ADC0,
VDD_HV_ADC1 (ADC reference) with
respect to ground (VSS)
—3.0(5)
3.6
V
Relative to VDD
VDD 0.1 VDD + 0.1
VIN
SR
Voltage on any GPIO pin with respect to
ground (VSS)
—VSS 0.1
—
V
Relative to VDD
—VDD + 0.1
IINJPAD
SR
Injected input current on any pin during
overload condition
—
55
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
—
50
50
TVDD
SR VDD slope to ensure correct power up
(6)
—3.0(7)
250 x 103
(0.25
[V/µs])
V/s
1.
100 nF capacitance needs to be provided between each VDD/VSS pair.
2.
330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
3.
470 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics). Supply ramp slope on VDD_BV should always be faster or equal to slope
of VDD_HV. Otherwise, device may enter regulator bypass mode if slope on VDD_BV is slower.
4.
100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair.
5.
Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL, device is
reset.
6.
Guaranteed by device validation.
7.
Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com