Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 61Page - STMicroelectronics SPC560B54X Datasheet HTML 62Page - STMicroelectronics SPC560B54X Datasheet HTML 63Page - STMicroelectronics SPC560B54X Datasheet HTML 64Page - STMicroelectronics SPC560B54X Datasheet HTML 65Page - STMicroelectronics SPC560B54X Datasheet HTML 66Page - STMicroelectronics SPC560B54X Datasheet HTML 67Page - STMicroelectronics SPC560B54X Datasheet HTML 68Page - STMicroelectronics SPC560B54X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 133 page
background image
DocID15131 Rev 9
65/133
SPC560B54x/6x
Electrical characteristics
132
4.6.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
Table 17 provides weak pull figures. Both pull-up and pull-down resistances are
supported.
Table 18 provides output driver characteristics for I/O pads when in SLOW
configuration.
Table 19 provides output driver characteristics for I/O pads when in MEDIUM
configuration.
Table 20 provides output driver characteristics for I/O pads when in FAST
configuration.
Table 17. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
|IWPU|CC
P
Weak pull-up current
absolute value
VIN = VIL, VDD = 5.0 V ± 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V =
1(2)
10
—
250
PVIN = VIL, VDD = 3.3 V ± 10%
PAD3V5V = 1
10
—
150
|IWPD|CC
P
Weak pull-down current
absolute value
VIN = VIH, VDD = 5.0 V ± 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1
10
—
250
PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET and
Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
Table 18. SLOW configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VOH
C
C
P
Output high level
SLOW configuration
Push Pull
IOH = 2 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 0
(recommended)
0.8VDD
——
V
C
IOH = 2 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 1(2)
0.8VDD
——
C
IOH = 1 mA,
VDD = 3.3 V ± 10%,
PAD3V5V = 1
(recommended)
VDD0.8
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com