Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 68Page - STMicroelectronics SPC560B54X Datasheet HTML 69Page - STMicroelectronics SPC560B54X Datasheet HTML 70Page - STMicroelectronics SPC560B54X Datasheet HTML 71Page - STMicroelectronics SPC560B54X Datasheet HTML 72Page - STMicroelectronics SPC560B54X Datasheet HTML 73Page - STMicroelectronics SPC560B54X Datasheet HTML 74Page - STMicroelectronics SPC560B54X Datasheet HTML 75Page - STMicroelectronics SPC560B54X Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
72/133
DocID15131 Rev 9
3
2
2
PB[9]
1%
—
1%
—
1%
—
1%
—
PB[8]
1%
—
1%
—
1%
—
1%
—
PB[10]
5%
—
6%
—
6%
—
7%
—
—
PF[0]
5%
—
6%
—
6%
—
8%
—
—
PF[1]
5%
—
6%
—
7%
—
8%
—
—
PF[2]
6%
—
7%
—
7%
—
9%
—
—
PF[3]
6%
—
7%
—
8%
—
9%
—
—
PF[4]
6%
—
7%
—
8%
—
10%
—
—
PF[5]
6%
—
7%
—
9%
—
10%
—
—
PF[6]
6%
—
7%
—
9%
—
11%
—
—
PF[7]
6%
—
7%
—
9%
—
11%
—
—
—
PJ[3]
6%—
7%
—————
—
—
PJ[2]
6%—
7%
—————
—
—
PJ[1]
6%—
7%
—————
—
—
PJ[0]
6%—
7%
—————
—
—
PI[15]
6%
—
7%
—————
—
—
PI[14]
6%
—
7%
—————
22
PD[0]
1%
—
1%
—
1%
—
1%
—
PD[1]
1%
—
1%
—
1%
—
1%
—
PD[2]
1%
—
1%
—
1%
—
1%
—
PD[3]
1%
—
1%
—
1%
—
1%
—
PD[4]
1%
—
1%
—
1%
—
1%
—
PD[5]
1%
—
1%
—
1%
—
1%
—
PD[6]
1%
—
1%
—
1%
—
2%
—
PD[7]
1%
—
1%
—
1%
—
2%
—
Table 24. I/O weight(1) (continued)
Supply segment
Pad
LQFP176
LQFP144/100
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
LQFP
176
LQFP
144
LQFP
100
SRC(2) =
0
SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com