Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 56Page - STMicroelectronics SPC560B54X Datasheet HTML 57Page - STMicroelectronics SPC560B54X Datasheet HTML 58Page - STMicroelectronics SPC560B54X Datasheet HTML 59Page - STMicroelectronics SPC560B54X Datasheet HTML 60Page - STMicroelectronics SPC560B54X Datasheet HTML 61Page - STMicroelectronics SPC560B54X Datasheet HTML 62Page - STMicroelectronics SPC560B54X Datasheet HTML 63Page - STMicroelectronics SPC560B54X Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
60/133
DocID15131 Rev 9
Note:
RAM data retention is guaranteed with VDD_LV not below 1.08 V.
Table 14. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
S
R
Digital ground on VSS_HV pins
—
0
0
V
VDD
(1)
S
R
Voltage on VDD_HV pins with respect to ground
(VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
VSS_LV
(3)
S
R
Voltage on VSS_LV (low voltage digital supply)
pins with respect to ground (VSS)
—VSS  0.1 VSS + 0.1
V
VDD_BV
(4)
S
R
Voltage on VDD_BV pin (regulator supply) with
respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD
3.0
VDD + 0.1
VSS_ADC
S
R
Voltage on VSS_HV_ADC0, VSS_HV_ADC1
(ADC reference) pin with respect to ground
(VSS)
—VSS  0.1 VSS + 0.1
V
VDD_ADC
(5)
S
R
Voltage on VDD_HV_ADC0, VDD_HV_ADC1
(ADC reference) with respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD VDD  0.1 VDD + 0.1
VIN
S
R
Voltage on any GPIO pin with respect to ground
(VSS)
—VSS  0.1
—
V
Relative to VDD
—VDD + 0.1
IINJPAD
S
R
Injected input current on any pin during
overload condition
—
55
mA
IINJSUM
S
R
Absolute sum of all injected input currents
during overload condition
—
50
50
TVDD
S
R
VDD slope to ensure correct power up
(6)
—3.0(7)
250 x 103
(0.25
[V/µs])
V/s
1.
100 nF capacitance needs to be provided between each VDD/VSS pair.
2.
Full device operation is guaranteed by design when the voltage drops below 4.5 V down to 3.0 V. However, certain analog
electrical characteristics will not be guaranteed to stay within the stated limits.
3.
330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
4.
470 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics). While the supply voltage ramps up, the slope on VDD_BV should be less
than 0.9VDD_HV in order to ensure the device does not enter regulator bypass mode.
5.
100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair.
6.
Guaranteed by device validation.
7.
Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com