| Electronic Components Datasheet Search |
|
LQFP64 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP64 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 103 page ![]() SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3 Package pinouts and signal descrip- Doc ID 16100 Rev 7 35/103 2.2.3 Pin multiplexing Table 7 defines the pin list and muxing for the SPC560P34/SPC560P40 devices. Each row of Table 7 shows all the possible ways of configuring each pin, via alternate functions. The default function assigned to each pin after reset is the ALT0 function. SPC560P34/SPC560P40 devices provide three main I/O pad types, depending on the associated functions: ● Slow pads are the most common, providing a compromise between transition time and low electromagnetic emission. ● Medium pads provide fast enough transition for serial communication channels with controlled current to reduce electromagnetic emission. ● Fast pads provide maximum speed. They are used for improved NEXUS debugging capability. Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance. For more information, see “Pad AC Specifications” in the device datasheet. Table 7. Pin muxing Port pin PCR register Alternate function(1),(2) Functions Peripheral(3) I/O direc- tion(4) Pad speed(5) Pin SRC = 0 SRC = 1 64-pin 100-pin Port A (16-bit) A[0] PCR[0] ALT0 ALT1 ALT2 ALT3 — GPIO[0] ETC[0] SCK F[0] EIRQ[0] SIUL eTimer_0 DSPI_2 FCU_0 SIUL I/O I/O I/O O I Slow Medium — 51 A[1] PCR[1] ALT0 ALT1 ALT2 ALT3 — GPIO[1] ETC[1] SOUT F[1] EIRQ[1] SIUL eTimer_0 DSPI_2 FCU_0 SIUL I/O I/O O O I Slow Medium — 52 A[2] PCR[2] ALT0 ALT1 ALT2 ALT3 — — — GPIO[2] ETC[2] — A[3] SIN ABS[0] EIRQ[2] SIUL eTimer_0 — FlexPWM_0 DSPI_2 MC_RGM SIUL I/O I/O — O I I I Slow Medium — 57 A[3] PCR[3] ALT0 ALT1 ALT2 ALT3 — — GPIO[3] ETC[3] CS0 B[3] ABS[1] EIRQ[3] SIUL eTimer_0 DSPI_2 FlexPWM_0 MC_RGM SIUL I/O I/O I/O O I I Slow Medium 41 64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |