Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 114Page - STMicroelectronics STM8L151C3 Datasheet HTML 115Page - STMicroelectronics STM8L151C3 Datasheet HTML 116Page - STMicroelectronics STM8L151C3 Datasheet HTML 117Page - STMicroelectronics STM8L151C3 Datasheet HTML 118Page - STMicroelectronics STM8L151C3 Datasheet HTML 119Page - STMicroelectronics STM8L151C3 Datasheet HTML 120Page - STMicroelectronics STM8L151C3 Datasheet HTML 121Page - STMicroelectronics STM8L151C3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
DocID018780 Rev 9
119/122
STM8L151x2, STM8L151x3
Part numbering
119
11
Part numbering
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 63. Low-density STM8L151x2/3 ordering information scheme
Example:STM8
L
151
K
3
U
3 TR
Device family
STM8 = 8-bit microcontroller
Product type
L = Low power
Sub-family
151 = ultra-low power
Pin count
C = 48 pins
K = 32 pins
G = 28 pins
F = 20 pins
Program memory size
3 = 8 Kbyte of Flash memory
2 = 4 Kbyte of Flash memory
Package
U = UFQFPN
T = LQFP
P = TSSOP
Temperature range
3 = –40 to 125 °C
6 = –40 to 85 °C
Packing
No character = tray or tube
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com