Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C3 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 114Page - STMicroelectronics STM8L151C3 Datasheet HTML 115Page - STMicroelectronics STM8L151C3 Datasheet HTML 116Page - STMicroelectronics STM8L151C3 Datasheet HTML 117Page - STMicroelectronics STM8L151C3 Datasheet HTML 118Page - STMicroelectronics STM8L151C3 Datasheet HTML 119Page - STMicroelectronics STM8L151C3 Datasheet HTML 120Page - STMicroelectronics STM8L151C3 Datasheet HTML 121Page - STMicroelectronics STM8L151C3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 122 page
background image
DocID018780 Rev 9
121/122
STM8L151x2, STM8L151x3
Revision history
121
18-Dec-2014
6
Updated Section: UFQFPN20 package information.
Replaced “ultralow power” occurrences with “ultra-low-
power”, and “Low density” with “low-density” where
applicable.
08-Apr-2015
7
Added:
– Figure 44: LQFP48 marking example (package top
view),
– Figure 47: UFQFPN32 marking example (package top
view),
– Figure 50: UFQFPN28 marking example (package top
view),
– Figure 53: UFQFPN20 marking example (package top
view),
– Figure 56: TSSOP20 marking example (package top
view).
Updated:
– Table 63: Low-density STM8L151x2/3 ordering
information scheme.
Moved Section 10.7: Thermal characteristics to
Section 10: Package information.
01-Oct-2016
8
In Table 4: Low-density STM8L151x2/3 pin description
row corresponding to pin names PD6/ADC1_IN8 /
RTC_CALIB/COMP1_INP, inserted pin number 35 in
LQFP48 column.
12-May-2017
9
Updated:
– Figure 51: UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm
pitch, ultra thin fine pitch quad flat package outline
– Table 60: UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm
pitch, ultra thin fine pitch quad flat package
mechanical data
– Table 45: TS characteristics
– Section 9.2: Absolute maximum ratings
– Updated all document’s footnotes from “Data
guaranteed by design, not tested in production” (or
similar) to “Guaranteed by design” and “Data based
on characterization results, not tested in production.”
(or similar) to “Guaranteed by design.”
– Section : Device marking on page 105
– Section : Device marking on page 108
– Section : Device marking on page 111
– Section : Device marking on page 114
– Section : Device marking on page 117
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com