Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM8S005C6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 89Page - STMicroelectronics STM8S005C6 Datasheet HTML 90Page - STMicroelectronics STM8S005C6 Datasheet HTML 91Page - STMicroelectronics STM8S005C6 Datasheet HTML 92Page - STMicroelectronics STM8S005C6 Datasheet HTML 93Page - STMicroelectronics STM8S005C6 Datasheet HTML 94Page - STMicroelectronics STM8S005C6 Datasheet HTML 95Page - STMicroelectronics STM8S005C6 Datasheet HTML 96Page - STMicroelectronics STM8S005C6 Datasheet HTML 97Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
DocID022186 Rev 4
93/97
STM8S005C6 STM8S005K6
Part numbering
93
11
Part numbering
Figure 50. STM8S005C6/K6 value line ordering information scheme(1)
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
2.
Refer to Table 1: STM8S005C6/K6 value line features for detailed description.
STM8
S
005
C
6
T
6
TR
Product class
STM8 microcontroller
Pin count
K = 32 pins
C = 48 pins
Package type
T = LQFP
Example:
Sub-family type(2)
005 = peripheral set
Family type
S = standard
Temperature range
6 = -40 °C to 85 °C
Program memory size
6 = 32 Kbytes
Package pitch
No character = 0.5 mm
C = 0.8 mm
Packing
No character = Tray or tube
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com