Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8S005C6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 42Page - STMicroelectronics STM8S005C6 Datasheet HTML 43Page - STMicroelectronics STM8S005C6 Datasheet HTML 44Page - STMicroelectronics STM8S005C6 Datasheet HTML 45Page - STMicroelectronics STM8S005C6 Datasheet HTML 46Page - STMicroelectronics STM8S005C6 Datasheet HTML 47Page - STMicroelectronics STM8S005C6 Datasheet HTML 48Page - STMicroelectronics STM8S005C6 Datasheet HTML 49Page - STMicroelectronics STM8S005C6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
Electrical characteristics
STM8S005C6 STM8S005K6
46/97
DocID022186 Rev 4
9.3
Operating conditions
The device must be used in operating conditions that respect the parameters in Table 17. In
addition, full account must be taken of all physical capacitor characteristics and tolerances.
Table 17. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
-
0
16
MHz
VDD/VDD_IO Standard operating voltage
-
2.95
5.5
V
VCAP
(1)
1.
Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter
specifications must be respected for the full application range.
CEXT: capacitance of external
capacitor
-
470
3300
nF
ESR of external capacitor
At 1 MHz(2)
2.
This frequency of 1 MHz as a condition for VCAP parameters is given by the design of the internal regulator.
-0.3
ohm
ESL of external capacitor
-
15
nH
PD
(3)
3.
To calculate PDmax(TA), use the formula PDmax = (TJmax - TA)/JA (see Section 10.3: Thermal
characteristics on page 91) with the value for TJmax given in Table 17 above and the value for JA given in
Table 52: Thermal characteristics.
Power dissipation at
TA = 85° C for suffix 6
48-pin devices, with output
on eight standard ports, two
high sink ports and two open
drain ports simultaneously(4)
4.
Refer to Section 10.3: Thermal characteristics on page 91 for the calculation method.
-
443
mW
32-pin devices, with output
on eight standard ports and
two high sink ports
simultaneously(4)
-
360
mW
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
-40
85
°C
TJ
Junction temperature range
-
-40
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com