Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S005C6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 19Page - STMicroelectronics STM8S005C6 Datasheet HTML 20Page - STMicroelectronics STM8S005C6 Datasheet HTML 21Page - STMicroelectronics STM8S005C6 Datasheet HTML 22Page - STMicroelectronics STM8S005C6 Datasheet HTML 23Page - STMicroelectronics STM8S005C6 Datasheet HTML 24Page - STMicroelectronics STM8S005C6 Datasheet HTML 25Page - STMicroelectronics STM8S005C6 Datasheet HTML 26Page - STMicroelectronics STM8S005C6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
DocID022186 Rev 4
23/97
STM8S005C6 STM8S005K6
Pinouts and pin descriptions
25
Table 5. STM8S005C6 and STM8S005K6 pin descriptions
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]
11
NRST
I/O
X
Reset
2
2
PA1/OSCIN
I/O X
XO1
X
X
Port A1
Resonator/
crystal in
33
PA2/OSCOUT
I/O X
XX
O1
X
X
Port A2
Resonator/
crystal out
4-
VSSIO_1
S
I/O ground
54
VSS
S
Digital ground
6
5
VCAP
S
1.8 V regulator capacitor
76
VDD
S
Digital power supply
87
VDDIO_1
S
I/O power supply
9
-
PA3/TIM2_CH3
I/O X
XX
O1
X
X
Port A3
Timer 2 -
channel3
TIM3_CH1
[AFR1]
10
-
PA4
I/O X
XX
HS O3
X
X
Port A4
11
-
PA5
I/O X
XX
HS O3
X
X
Port A5
12
-
PA6
I/O X
XX
HS O3
X
X
Port A6
-
8
PF4/AIN12(1)
I/O X
XO1
X
X
Port F4
Analog input
12 (2)
13
9
VDDA
S
Analog power supply
14
10
VSSA
S
Analog ground
15
-
PB7/AIN7
I/O X
XX
O1
X
X
Port B7
Analog
input 7
16
-
PB6/AIN6
I/O X
XX
O1
X
X
Port B6
Analog
input 6
17
11
PB5/AIN5
[I2C_SDA]
I/O X
XX
O1
X
X
Port B5
Analog
input 5
I2C_SDA
[AFR6]
18
12
PB4/AIN4
[I2C_SCL]
I/O X
XX
O1
X
X
Port B4
Analog
input 4
I2C_SCL
[AFR6]
19
13
PB3/AIN3
[TIM1_ETR]
I/O X
XX
O1
X
X
Port B3
Analog
input 3
TIM1_ETR
[AFR5]
20
14
PB2/AIN2
[TIM1_CH3N]
I/O X
XX
O1
X
X
Port B2
Analog
input 2
TIM1_
CH3N
[AFR5]
21
15
PB1/AIN1
[TIM1_CH2N]
I/O X
XX
O1
X
X
Port B1
Analog
input 1
TIM1_
CH2N
[AFR5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com