Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 66Page - STMicroelectronics STM8S007C8 Datasheet HTML 67Page - STMicroelectronics STM8S007C8 Datasheet HTML 68Page - STMicroelectronics STM8S007C8 Datasheet HTML 69Page - STMicroelectronics STM8S007C8 Datasheet HTML 70Page - STMicroelectronics STM8S007C8 Datasheet HTML 71Page - STMicroelectronics STM8S007C8 Datasheet HTML 72Page - STMicroelectronics STM8S007C8 Datasheet HTML 73Page - STMicroelectronics STM8S007C8 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Electrical characteristics
STM8S007C8
70/92
DocID022171 Rev 5
9.3.7
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 29. Typical NRST VIL and VIH vs VDD @ 3 temperatures
Table 39. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
-
-0.3 V
-
0.3 x VDD
V
VIH(NRST)
NRST input high level voltage (1)
-
0.7 x VDD
-VDD + 0.3
VOL(NRST)
NRST output low level voltage (1)
IOL= 2 mA
-
-
0.5
RPU(NRST)
NRST pull-up resistor (2)
-30
55
80
k
tIFP(NRST)
NRST input filtered pulse (3)
--
-
75
ns
tINFP(NRST)
NRST Input not filtered pulse (3)
-500
-
-
ns
tOP(NRST)
NRST output pulse (1)
-15
-
-
µs
1.
Data based on characterization results, not tested in production.
2.
The RPU pull-up equivalent resistor is based on a resistive transistor
3.
Data guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com