Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 20Page - STMicroelectronics STM8S007C8 Datasheet HTML 21Page - STMicroelectronics STM8S007C8 Datasheet HTML 22Page - STMicroelectronics STM8S007C8 Datasheet HTML 23Page - STMicroelectronics STM8S007C8 Datasheet HTML 24Page - STMicroelectronics STM8S007C8 Datasheet HTML 25Page - STMicroelectronics STM8S007C8 Datasheet HTML 26Page - STMicroelectronics STM8S007C8 Datasheet HTML 27Page - STMicroelectronics STM8S007C8 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Pinouts and pin descriptions
STM8S007C8
24/92
DocID022171 Rev 5
33
PC6/SPI_MOSI
I/O X
XX
HS O3
X
X
Port C6
SPI master
out/
slave in
34
PC7/SPI_MISO
I/O X
XX
HS O3
X
X
Port C7
SPI master in/
slave out
35
PG0
I/O X
XO1
X
X
Port G0
36
PG1
I/O X
XO1
X
X
Port G1
37
PE3/TIM1_BKIN
I/O X
XX
O1
X
X
Port E3
Timer 1 -
break input
38
PE2/I2C_SDA
I/O X
XO1 T(2)
Port E2 I2C data
39
PE1/I2C_SCL
I/O X
XO1 T(2)
Port E1 I2C clock
40
PE0/CLK_CCO
I/O X
XX
HS O3
X
X
Port E0
Configurable
clock output
41
PD0/TIM3_CH2
I/O X
XX
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
42
PD1/SWIM(3)
I/O X
X
XHS O4
X
X
Port D1
SWIM data
interface
43
PD2/TIM3_CH1
I/O X
XX
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
44
PD3/TIM2_CH2
I/O X
XX
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
45
PD4/TIM2_CH1/B
EEP
I/O X
XX
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP output
[AFR7]
46
PD5/ UART3_TX
I/O X
XX
O1
X
X
Port D5
UART3 data
transmit
47
PD6/
UART3_RX(1)
I/O X
XX
O1
X
X
Port D6
UART3 data
receive
48
PD7/TLI
I/O X
XX
O1
X
X
Port D7
Top level
interrupt
1.
The default state of UART1_RX and UART3_RX pins is controlled by the ROM bootloader. These pins are
pulled up as part of the bootloader activation process and returned to the floating state before a return from
the bootloader.
2.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up, and protection
diode to VDD are not implemented).
3.
The PD1 pin is in input pull-up during the reset phase and after the internal reset release.
Table 5. STM8S007C8 pin description (continued)
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com