Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 9Page - STMicroelectronics STM8S007C8 Datasheet HTML 10Page - STMicroelectronics STM8S007C8 Datasheet HTML 11Page - STMicroelectronics STM8S007C8 Datasheet HTML 12Page - STMicroelectronics STM8S007C8 Datasheet HTML 13Page - STMicroelectronics STM8S007C8 Datasheet HTML 14Page - STMicroelectronics STM8S007C8 Datasheet HTML 15Page - STMicroelectronics STM8S007C8 Datasheet HTML 16Page - STMicroelectronics STM8S007C8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DocID022171 Rev 5
13/92
STM8S007C8
Product overview
25
The size of the UBC is programmable through the UBC option byte (Table 12), in increments
of 1 page (512 bytes) by programming the UBC option byte in ICP mode.
This divides the program memory into two areas:
Main program memory: 64 Kbytes minus UBC
User-specific boot code (UBC): Configurable up to 64 Kbytes
The UBC area remains write-protected during in-application programming. This means that
the MASS keys do not unlock the UBC area. It protects the memory used to store the boot
program, specific code libraries, reset and interrupt vectors, the reset routine and usually
the IAP and communication routines.
Figure 2. Flash memory organisation
Read-out protection (ROP)
The read-out protection blocks reading and writing the Flash program memory and data
EEPROM memory in ICP mode (and debug mode). Once the read-out protection is
activated, any attempt to toggle its status triggers a global erase of the program and data
memory. Even if no protection can be considered as totally unbreakable, the feature
provides a very high level of protection for a general purpose microcontroller.
Programmable area from 1 Kbyte
Data
UBC area
Program memory area
Data memory area (up to 2 Kbytes)
(2 first pages) up to 64 Kbytes
EEPROM
Remains write protected during IAP
memory
64 Kbytes
Flash
Write access possible for IAP
program
memory
(1 page steps)
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com