Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S007C8 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 84Page - STMicroelectronics STM8S007C8 Datasheet HTML 85Page - STMicroelectronics STM8S007C8 Datasheet HTML 86Page - STMicroelectronics STM8S007C8 Datasheet HTML 87Page - STMicroelectronics STM8S007C8 Datasheet HTML 88Page - STMicroelectronics STM8S007C8 Datasheet HTML 89Page - STMicroelectronics STM8S007C8 Datasheet HTML 90Page - STMicroelectronics STM8S007C8 Datasheet HTML 91Page - STMicroelectronics STM8S007C8 Datasheet HTML 92Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
DocID022171 Rev 5
91/92
STM8S007C8
Revision history
91
13
Revision history
Table 51. Document revision history
Date
Revision
Changes
31-Oct-2011
1
Initial release.
06-Jan-2012
2
Table 34: Flash program memory/data EEPROM memory: updated
VDD condition; updated tRET parameters.
Table 39: NRST pin characteristics: updated typ and max values of
the NRST Pull-up resistor.
26-Apr-2012
3
Added the document status on the cover page (datasheet-production
data).
Modified temperature range and ACCHSI values in Table 31: HSI
oscillator characteristics on page 58 (ACCHSI parameter).
Modified Figure 35: SPI timing diagram - master mode(1) on page 74
(SCK output instead of SCK input).
10-Mar-2015
4
Updated the disclaimer.
Added Figure 41: LQFP48 marking example (package top view).
2
5-Mar-2015
5
Updated:
– Figure 27: Typ. VDD - VOH @ VDD = 5 V (high sink ports),
– Figure 29: Typical NRST VIL and VIH vs VDD @ 3 temperatures,
– Figure 30: Typical NRST pull-up resistance vs VDD @ 3
temperatures.
Added a note to Power-on reset threshold parameter in Table 17:
Operating conditions at power-up/power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com