Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F048G6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F048G6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048G6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F048G6 Datasheet HTML 5Page - STMicroelectronics STM32F048G6 Datasheet HTML 6Page - STMicroelectronics STM32F048G6 Datasheet HTML 7Page - STMicroelectronics STM32F048G6 Datasheet HTML 8Page - STMicroelectronics STM32F048G6 Datasheet HTML 9Page - STMicroelectronics STM32F048G6 Datasheet HTML 10Page - STMicroelectronics STM32F048G6 Datasheet HTML 11Page - STMicroelectronics STM32F048G6 Datasheet HTML 12Page - STMicroelectronics STM32F048G6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
DocID026007 Rev 6
9/98
STM32F048C6 STM32F048G6 STM32F048T6
Description
25
2
Description
The STM32F048x6 microcontrollers incorporate the high-performance ARM® Cortex®-M0
32-bit RISC core operating at up to 48 MHz frequency, high-speed embedded memories
(32 Kbytes of Flash memory and 6 Kbytes of SRAM), and an extensive range of enhanced
peripherals and I/Os. All devices offer standard communication interfaces (one I2C, two
SPIs/one I2S, one HDMI CEC and two USARTs), one USB Full-speed device (crystal-less),
one 12-bit ADC, four 16-bit timers, one 32-bit timer and an advanced-control PWM timer.
The STM32F048x6 microcontrollers operate in the -40 to +85 °C and -40 to +105 °C
temperature ranges, at a 1.8 V ± 8% power supply. A comprehensive set of power-saving
modes allows the design of low-power applications.
The STM32F048x6 microcontrollers include devices in three different packages ranging
from 36 pins to 48 pins with a die form also available upon request. Depending on the
device chosen, different sets of peripherals are included.
These features make the STM32F048x6 microcontrollers suitable for a wide range of
applications such as application control and user interfaces, hand-held equipment, A/V
receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications,
PLCs, inverters, printers, scanners, alarm systems, video intercoms and HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com