Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F048G6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F048G6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048G6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F048G6 Datasheet HTML 9Page - STMicroelectronics STM32F048G6 Datasheet HTML 10Page - STMicroelectronics STM32F048G6 Datasheet HTML 11Page - STMicroelectronics STM32F048G6 Datasheet HTML 12Page - STMicroelectronics STM32F048G6 Datasheet HTML 13Page - STMicroelectronics STM32F048G6 Datasheet HTML 14Page - STMicroelectronics STM32F048G6 Datasheet HTML 15Page - STMicroelectronics STM32F048G6 Datasheet HTML 16Page - STMicroelectronics STM32F048G6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
DocID026007 Rev 6
13/98
STM32F048C6 STM32F048G6 STM32F048T6
Functional overview
25
3.4
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit
data word and a CRC-32 (Ethernet) polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
3.5
Power management
3.5.1
Power supply schemes
•
VDD = VDDIO1 = 1.8 V ± 8%: external power supply for I/Os (VDDIO1) and digital logic. It
is provided externally through VDD pins.
•
VDDA = from VDD to 3.6 V: external analog power supply for ADC, RCs and PLL
(minimum voltage to be applied to VDDA is 2.4 V when the ADC is used). It is provided
externally through VDDA pin. The VDDA voltage level must be always greater or equal
to the VDD voltage level and must be established first.
•
VDDIO2 = 1.65 to 3.6 V: external power supply for marked I/Os. VDDIO2 is provided
externally through the VDDIO2 pin. The VDDIO2 voltage level is completely independent
from VDD or VDDA, but it must not be provided without a valid supply on VDD. The
VDDIO2 supply is monitored and compared with the internal reference voltage
(VREFINT). When the VDDIO2 is below this threshold, all the I/Os supplied from this rail
are disabled by hardware. The output of this comparator is connected to EXTI line 31
and it can be used to generate an interrupt. Refer to the pinout diagrams or tables for
concerned I/Os list.
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
For more details on how to connect power pins, refer to Figure 9: Power supply scheme.
3.5.2
Power-on reset
To guarantee a proper power-on reset, the NPOR pin must be held low until VDD is stable.
When VDD is stable, the reset state can be exited either by:
•
putting the NPOR pin in high impedance (NPOR pin has an internal pull-up), or by
•
forcing the pin to high level by connecting it to VDDA
3.5.3
Low-power modes
The STM32F048x6 microcontrollers support two low-power modes to achieve the best
compromise between low power consumption, short startup time and available wakeup
sources:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com