Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F048G6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F048G6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048G6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F048G6 Datasheet HTML 90Page - STMicroelectronics STM32F048G6 Datasheet HTML 91Page - STMicroelectronics STM32F048G6 Datasheet HTML 92Page - STMicroelectronics STM32F048G6 Datasheet HTML 93Page - STMicroelectronics STM32F048G6 Datasheet HTML 94Page - STMicroelectronics STM32F048G6 Datasheet HTML 95Page - STMicroelectronics STM32F048G6 Datasheet HTML 96Page - STMicroelectronics STM32F048G6 Datasheet HTML 97Page - STMicroelectronics STM32F048G6 Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
Revision history
STM32F048C6 STM32F048G6 STM32F048T6
96/98
DocID026007 Rev 6
06-Nov-2015
4
(continued)
Updates in Section 5: Memory mapping
– Table 16: STM32F048x6 peripheral register boundary addresses -
change of “SYSCFG + COMP” to “SYSCFG”
Updates in Section 6: Electrical characteristics:
–VDDIOx replacibg VDD in Figure 18: TC and TTa I/O input
characteristics
and Figure 19: Five volt tolerant (FT and FTf) I/O
input characteristics
– footnote for VIN max value in Table 17: Voltage characteristics,
– footnote for max VIN in Table 20: General operating conditions,
– addition of tSTART parameter in Table 22: Embedded internal
reference voltage,
removal of -40°C to 85°C condition and the
associated footnote
– Table 26: Typical and maximum current consumption from the VBAT
supply:
removing “code executing from Flash or RAM”
– removal of the min value for tSTART parameter in Table 55: TS
characteristics
– the typical value for R parameter in Table 56: VBAT monitoring
characteristics
– removal of ResTM parameter line from Table 57: TIMx characteristics
and putting all values in new Typ column, substitution of tCOUNTER
with tMAX_COUNT, values defined as powers of two
–VESD(CDM) class in Table 44: ESD absolute maximum ratings
– reorganization of Table 62: I2S characteristics and filling max value
of tv(SD_ST)
– adding definition of levels in Figure 28: I2S master timing diagram
(Philips protocol)
Updates in Section 7: Package information
:
– heading and display of columns in Table 65: WLCSP36 package
mechanical data
.,
– Figure 31: UFQFPN48 package marking example (top view)
– Figure 34: WLCSP36 package marking example (top view)
– Figure 36: Recommended footprint for UFQFPN28 package
distance between corner pads added
– Figure 37: UFQFPN28 package marking example (top view)
– removing “die 445” from Table 68: Package thermal characteristics
Updates in Section 8: Part numbering:
– adding tray packing to options
05-Dec-2015
5
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 4: WLCSP36 package- now presented in top view
– Table 12: STM32F048x6 pin definitions - note 3 added;
Section 6: Electrical characteristics:
– Table 47: I/O static characteristics - removed note
– Section 6.3.15: 12-bit ADC characteristics - changed introductory
sentence
Table 70. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com