Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F048G6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F048G6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048G6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F048G6 Datasheet HTML 90Page - STMicroelectronics STM32F048G6 Datasheet HTML 91Page - STMicroelectronics STM32F048G6 Datasheet HTML 92Page - STMicroelectronics STM32F048G6 Datasheet HTML 93Page - STMicroelectronics STM32F048G6 Datasheet HTML 94Page - STMicroelectronics STM32F048G6 Datasheet HTML 95Page - STMicroelectronics STM32F048G6 Datasheet HTML 96Page - STMicroelectronics STM32F048G6 Datasheet HTML 97Page - STMicroelectronics STM32F048G6 Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
DocID026007 Rev 6
95/98
STM32F048C6 STM32F048G6 STM32F048T6
Revision history
97
9
Revision history
Table 70. Document revision history
Date
Revision
Changes
27-May-2014
1
Initial release.
28-May-2014
2
Updated the document status to Preliminary data.
No other change in the content.
09-Apr-2015
3
Removed LQFP48 package.
Updated:
– Table: Typical and maximum current consumption from VDD supply
at VDD = 1.8 V
,
– Table: Typical and maximum current consumption from the VDDA
supply,
– Table: Typical and maximum consumption in Stop mode,
– Table: HSI oscillator characteristics,
– Figure: HSI oscillator accuracy characterization results for soldered
parts,
– Table: ESD absolute maximum ratings,
– the document status to Datasheet - production data.
Added:
– Figure: UFQFPN48 marking example (package top view),
– Figure: WLCSP36 marking example (package top view),
– Figure: UFQFPN28 marking example (package top view).
06-Nov-2015
4
Cover page
– 9 timers instead of 8 in the title
– number of I/Os and capacitive sensing channels corrected
– Fast Mode Plus current sink corrected from 20 mA to “extra”
Updates in Section 2: Description:
– updated Figure 1: Block diagram and Figure 2: Clock tree
– Table 1: STM32F048x device features and peripheral counts - I/O
and capacitive channel numbers corrected
Updates in Section 3: Functional overview:
– addition of PB2 to Table 4: Capacitive sensing GPIOs available on
STM32F048x6 devices
– addition of the number of complementary outputs for the advanced
control timer and for TIM16, TIM17 general purpose in Table 6:
Timer feature comparison
– removal of USART2 from Figure 3.5.3: Low-power modes
– Table 8: STM32F048x6 I2C implementation - adding “extra”
Updates in Section 4: Pinouts and pin descriptions
– Figure 4: WLCSP36 package updated
– Table 12: STM32F048x6 pin definitions - removal of CIMP1_OUT
and USART4_CTS; swap of F2 and D2 for WLCSP36
– Table 14: Alternate functions selected through GPIOB_AFR
registers for port B
- change of I2C2_SDA and I2C2_SCL to
I2C1_SDA and I2C1_SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com