Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F098CC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F098CC
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F098CC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F098CC Datasheet HTML 1Page - STMicroelectronics STM32F098CC Datasheet HTML 2Page - STMicroelectronics STM32F098CC Datasheet HTML 3Page - STMicroelectronics STM32F098CC Datasheet HTML 4Page - STMicroelectronics STM32F098CC Datasheet HTML 5Page - STMicroelectronics STM32F098CC Datasheet HTML 6Page - STMicroelectronics STM32F098CC Datasheet HTML 7Page - STMicroelectronics STM32F098CC Datasheet HTML 8Page - STMicroelectronics STM32F098CC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
This is information on a product in full production.
January 2017
DocID026967 Rev 4
1/128
STM32F098CC STM32F098RC
STM32F098VC
ARM®-based 32-bit MCU, 256 KB Flash, CAN, 12 timers, ADC,
DAC, and comm. interfaces, 1.8 V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M0 CPU,
frequency up to 48 MHz
• Memories
– 256 Kbytes of Flash memory
– 32 Kbytes of SRAM with HW parity
• CRC calculation unit
• Reset and power management
– Digital & I/Os supply: VDD = 1.8 V ± 8%
– Analog supply: VDDA = VDD to 3.6 V
– Selected I/Os: VDDIO2 = 1.65 V to 3.6 V
– Low power modes: Sleep, Stop
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
– Internal 48 MHz oscillator with automatic
trimming based on ext. synchronization
• Up to 87 fast I/Os
– All mappable on external interrupt vectors
– Up to 68 I/Os with 5V-tolerant capability
and 19 with independent supply VDDIO2
• 12-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 16 channels)
– Conversion range: 0 to 3.6 V
– Separate analog supply: 2.4 V to 3.6 V
• One 12-bit D/A converter (with 2 channels)
• Two fast low-power analog comparators with
programmable input and output
• Up to 23 capacitive sensing channels for
touchkey, linear and rotary touch sensors
• Calendar RTC with alarm and periodic wakeup
from Stop/Standby
• 12 timers
– One 16-bit advanced-control timer for
6 channel PWM output
– One 32-bit and seven 16-bit timers, with up
to 4 IC/OC, OCN, usable for IR control
decoding or DAC control
– Independent and system watchdog timers
– SysTick timer
• Communication interfaces
–Two I2C interfaces supporting Fast Mode
Plus (1 Mbit/s) with extra current sink, one
supporting SMBus/PMBus and wakeup
– Up to eight USARTs supporting master
synchronous SPI and modem control, three
with ISO7816 interface, LIN, IrDA, auto
baud rate detection and wakeup feature
– Two SPIs (18 Mbit/s) with 4 to 16
programmable bit frames, and with I2S
interface multiplexed
– CAN interface
• HDMI CEC wakeup on header reception
• Serial wire debug (SWD)
• 96-bit unique ID
• All packages ECOPACK®2
LQFP100 14x14 mm
LQFP64 10x10 mm
LQFP48 7x7 mm
UFQFPN48
7x7 mm
UFBGA100
7x7 mm
UFBGA64
5x5 mm
WLCSP64
3.3x3.6mm
www.st.com


Similar Part No. - STM32F098CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F091 STMICROELECTRONICS-STM32F091 Datasheet
1Mb / 127P
ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
17-Dec-2015
STM32F091CB STMICROELECTRONICS-STM32F091CB Datasheet
1Mb / 127P
ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
17-Dec-2015
STM32F091CB STMICROELECTRONICS-STM32F091CB Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F091CBH6TP STMICROELECTRONICS-STM32F091CBH6TP Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
STM32F091CBH7TP STMICROELECTRONICS-STM32F091CBH7TP Datasheet
1Mb / 128P
ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
10-Jan-2017
More results

Similar Description - STM32F098CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com