Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078VB Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F078VB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078VB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F078VB Datasheet HTML 52Page - STMicroelectronics STM32F078VB Datasheet HTML 53Page - STMicroelectronics STM32F078VB Datasheet HTML 54Page - STMicroelectronics STM32F078VB Datasheet HTML 55Page - STMicroelectronics STM32F078VB Datasheet HTML 56Page - STMicroelectronics STM32F078VB Datasheet HTML 57Page - STMicroelectronics STM32F078VB Datasheet HTML 58Page - STMicroelectronics STM32F078VB Datasheet HTML 59Page - STMicroelectronics STM32F078VB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
Electrical characteristics
STM32F078CB, STM32F078RB, STM32F078VB
56/120
DocID026006 Rev 4
Typical current consumption
The MCU is placed under the following conditions:
•
VDD = VDDA = 1.8 V
•
All I/O pins are in analog input configuration
•
The Flash memory access time is adjusted to fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled, fPCLK = fHCLK
•
PLL is used for frequencies greater than 8 MHz
•
AHB prescaler of 2, 4, 8 and 16 is used for the frequencies 4 MHz, 2 MHz, 1 MHz and
500 kHz respectively
Table 29. Typical current consumption, code executing from Flash memory,
running from HSE 8 MHz crystal
Symbol
Parameter
fHCLK
Typical consumption in
Run mode
Typical consumption in
Sleep mode
Unit
Peripherals
enabled
Peripherals
disabled
Peripherals
enabled
Peripherals
disabled
IDD
Current
consumption
from VDD
supply
48 MHz
22.0
12.7
14.2
3.2
mA
36 MHz
17.1
9.9
10.8
2.5
32 MHz
15.4
8.9
9.7
2.2
24 MHz
11.9
7.0
7.5
1.8
16 MHz
8.3
4.9
5.2
1.3
8 MHz
4.4
2.7
2.7
0.7
4 MHz
2.7
1.7
1.8
0.6
2 MHz
1.6
1.1
1.2
0.6
1 MHz
1.1
0.8
0.9
0.5
500 kHz
0.9
0.7
0.8
0.5
IDDA
Current
consumption
from VDDA
supply
48 MHz
143
μA
36 MHz
112
32 MHz
102
24 MHz
81
16 MHz
59
8 MHz
1
4 MHz
1
2 MHz
1
1 MHz
1
500 kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com