Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078VB Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F078VB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078VB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F078VB Datasheet HTML 34Page - STMicroelectronics STM32F078VB Datasheet HTML 35Page - STMicroelectronics STM32F078VB Datasheet HTML 36Page - STMicroelectronics STM32F078VB Datasheet HTML 37Page - STMicroelectronics STM32F078VB Datasheet HTML 38Page - STMicroelectronics STM32F078VB Datasheet HTML 39Page - STMicroelectronics STM32F078VB Datasheet HTML 40Page - STMicroelectronics STM32F078VB Datasheet HTML 41Page - STMicroelectronics STM32F078VB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
Pinouts and pin descriptions
STM32F078CB, STM32F078RB, STM32F078VB
38/120
DocID026006 Rev 4
A7
90
56
40
A4
PB4
I/O
FT
-
SPI1_MISO, I2S1_MCK,
TIM17_BKIN, TIM3_CH1,
TSC_G5_IO2, EVENTOUT
-
C5
91
57
41
B4
PB5
I/O
FT
-
SPI1_MOSI, I2S1_SD,
I2C1_SMBA, TIM16_BKIN,
TIM3_CH2
WKUP6
B5
92
58
42
C4
PB6
I/O
FTf
-
I2C1_SCL, USART1_TX,
TIM16_CH1N,
TSC_G5_I03
-
B4
93
59
43
D4
PB7
I/O
FTf
-
I2C1_SDA, USART1_RX,
USART4_CTS,
TIM17_CH1N,
TSC_G5_IO4
-
A4
94
60
44
A5
BOOT0
I
B
-
Boot memory selection
A3
95
61
45
B5
PB8
I/O
FTf
-
I2C1_SCL, CEC,
TIM16_CH1, TSC_SYNC
-
B3
96
62
46
C5
PB9
I/O
FTf
-
SPI2_NSS, I2S2_WS,
I2C1_SDA, IR_OUT,
TIM17_CH1, EVENTOUT
-
C3
97
-
-
-
PE0
I/O
FT
-
EVENTOUT, TIM16_CH1
-
A2
98
-
-
-
PE1
I/O
FT
-
EVENTOUT, TIM17_CH1
-
D3
99
63
47
A6
VSS
S
-
-
Ground
C4
100
64
48
A7
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content
of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the RTC
domain and RTC register descriptions in the reference manual.
3. This pin is supplied by VDDA.
4. PC6, PC7, PC8, PC9, PA8, PA9, PA10, PA11, PA12, PA13, PF6, PA14, PA15, PC10, PC11, PC12, PD0, PD1 and PD2 I/Os
are supplied by VDDIO2.
5. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO pin
and the internal pull-down on the SWCLK pin are activated.
Table 12. STM32F078CB/RB/VB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com