Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078VB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F078VB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078VB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F078VB Datasheet HTML 76Page - STMicroelectronics STM32F078VB Datasheet HTML 77Page - STMicroelectronics STM32F078VB Datasheet HTML 78Page - STMicroelectronics STM32F078VB Datasheet HTML 79Page - STMicroelectronics STM32F078VB Datasheet HTML 80Page - STMicroelectronics STM32F078VB Datasheet HTML 81Page - STMicroelectronics STM32F078VB Datasheet HTML 82Page - STMicroelectronics STM32F078VB Datasheet HTML 83Page - STMicroelectronics STM32F078VB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
Electrical characteristics
STM32F078CB, STM32F078RB, STM32F078VB
80/120
DocID026006 Rev 4
6.3.15
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 55 are derived from tests
performed under the conditions summarized in Table 23: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 54. NPOR pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NPOR) NPOR Input low level voltage
-
-
-
0.475 VDDA - 0.2(1)
V
VIH(NPOR)
NPOR Input high level
voltage
-0.5 VDDA + 0.2(1)
--
Vhys(NPOR)
NPOR Schmitt trigger voltage
hysteresis
--
100(1)
-mV
RPU
Weak pull-up equivalent
resistor(2)
VIN = VSS
25
40
55
k
Ω
1. Guaranteed by design, not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10% order).
Table 55. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC ON
-
2.4
-
3.6
V
IDDA (ADC)
Current consumption of
the ADC(1)
VDDA = 3.3 V
-
0.9
-
mA
fADC
ADC clock frequency
-
0.6
-
14
MHz
fS(2)
Sampling rate
12-bit resolution
0.043
-
1
MHz
fTRIG(2)
External trigger frequency
fADC = 14 MHz,
12-bit resolution
--
823
kHz
12-bit resolution
-
-
17
1/fADC
VAIN
Conversion voltage range
-
0
-
VDDA
V
RAIN(2)
External input impedance
See Equation 1 and
Table 56
for details
--
50
kΩ
RADC(2)
Sampling switch
resistance
--
-
1
kΩ
CADC(2)
Internal sample and hold
capacitor
--
-
8
pF
tCAL(2)(3)
Calibration time
fADC = 14 MHz
5.9
µs
-83
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com