Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078VB Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F078VB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078VB Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F078VB Datasheet HTML 91Page - STMicroelectronics STM32F078VB Datasheet HTML 92Page - STMicroelectronics STM32F078VB Datasheet HTML 93Page - STMicroelectronics STM32F078VB Datasheet HTML 94Page - STMicroelectronics STM32F078VB Datasheet HTML 95Page - STMicroelectronics STM32F078VB Datasheet HTML 96Page - STMicroelectronics STM32F078VB Datasheet HTML 97Page - STMicroelectronics STM32F078VB Datasheet HTML 98Page - STMicroelectronics STM32F078VB Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
DocID026006 Rev 4
95/120
STM32F078CB, STM32F078RB, STM32F078VB
Electrical characteristics
95
USB characteristics
The STM32F078CB/RB/VB USB interface is fully compliant with the USB specification
version 2.0 and is USB-IF certified (for Full-speed device operation).
Table 68. USB electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ
Max.
Unit
VDDIO2
USB transceiver operating
voltage
-3.0(1)
1. The STM32F078CB/RB/VB USB functionality is ensured down to 2.7 V but not the full USB electrical
characteristics which are degraded in the 2.7-to-3.0 V voltage range.
-3.6
V
tSTARTUP(2)
2. Guaranteed by design, not tested in production.
USB transceiver startup time
-
-
-
1.0
µs
RPUI
Embedded USB_DP pull-up
value during idle
-
1.1
1.26
1.5
kΩ
RPUR
Embedded USB_DP pull-up
value during reception
-
2.0
2.26
2.6
ZDRV(2)
Output driver impedance(3)
3. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.
Driving high
and low
28
40
44
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com