Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078VB Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32F078VB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078VB Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32F078VB Datasheet HTML 112Page - STMicroelectronics STM32F078VB Datasheet HTML 113Page - STMicroelectronics STM32F078VB Datasheet HTML 114Page - STMicroelectronics STM32F078VB Datasheet HTML 115Page - STMicroelectronics STM32F078VB Datasheet HTML 116Page - STMicroelectronics STM32F078VB Datasheet HTML 117Page - STMicroelectronics STM32F078VB Datasheet HTML 118Page - STMicroelectronics STM32F078VB Datasheet HTML 119Page - STMicroelectronics STM32F078VB Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 120 page
background image
DocID026006 Rev 4
119/120
STM32F078CB, STM32F078RB, STM32F078VB
Revision history
119
17-Dec-2015
3
(continued)
– Table 61: VBAT monitoring characteristics: changed the
typical value for R parameter
– Table 67: I2S characteristics: table reorganized, tv(SD_ST)
max value updated
Section 7: Package information:
– information on packages generally update
Section 8: Ordering information:
– added tray packing to options
10-Jan-2017
4
Section 6: Electrical characteristics:
– Table 37: LSE oscillator characteristics (f
LSE = 32.768 kHz)
- information on configuring different drive capabilities
removed. See the corresponding reference manual.
– Table 25: Embedded internal reference voltage - VREFINT
values
– Table 58: DAC characteristics - min. RLOAD to VDDA defined
– Figure 29: SPI timing diagram - slave mode and CPHA = 0
and Figure 30: SPI timing diagram - slave mode and CPHA
= 1
enhanced and corrected
Section 8: Ordering information:
– The name of the section changed from the previous “Part
numbering”
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com