Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358XC Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32F358XC
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358XC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F358XC Datasheet HTML 59Page - STMicroelectronics STM32F358XC Datasheet HTML 60Page - STMicroelectronics STM32F358XC Datasheet HTML 61Page - STMicroelectronics STM32F358XC Datasheet HTML 62Page - STMicroelectronics STM32F358XC Datasheet HTML 63Page - STMicroelectronics STM32F358XC Datasheet HTML 64Page - STMicroelectronics STM32F358XC Datasheet HTML 65Page - STMicroelectronics STM32F358XC Datasheet HTML 66Page - STMicroelectronics STM32F358XC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 134 page
background image
DocID025540 Rev 4
63/134
STM32F358xC
Electrical characteristics
118
Table 33. Typical current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Run mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash
72 MHz
58.6
26.5
mA
64 MHz
52.6
23.7
48 MHz
40.6
18.5
32 MHz
27.6
12.7
24 MHz
21.1
9.9
16 MHz
14.3
6.8
8 MHz
7.2
3.5
4 MHz
4.1
2.1
2 MHz
2.3
1.3
1 MHz
1.5
0.9
500 kHz
1.0
0.7
125 kHz
0.7
0.5
IDDA(1) (2)
Supply current in
Run mode from
VDDA supply
72 MHz
239.0
µA
64 MHz
210.3
48 MHz
157.0
32 MHz
108.1
24 MHz
84.4
16 MHz
60.8
8 MHz
1.0
4 MHz
1.0
2 MHz
1.0
1 MHz
1.0
500 kHz
1.0
125 kHz
1.0
1. VDDA monitoring is ON.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp etc. is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com