Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358XC Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F358XC
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358XC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F358XC Datasheet HTML 16Page - STMicroelectronics STM32F358XC Datasheet HTML 17Page - STMicroelectronics STM32F358XC Datasheet HTML 18Page - STMicroelectronics STM32F358XC Datasheet HTML 19Page - STMicroelectronics STM32F358XC Datasheet HTML 20Page - STMicroelectronics STM32F358XC Datasheet HTML 21Page - STMicroelectronics STM32F358XC Datasheet HTML 22Page - STMicroelectronics STM32F358XC Datasheet HTML 23Page - STMicroelectronics STM32F358XC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
Functional overview
STM32F358xC
20/134
DocID025540 Rev 4
3.13.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT battery
voltage using the internal ADC channel ADC_IN17. As the VBAT voltage may be higher
than VDDA, and thus outside the ADC input range, the VBAT pin is internally connected to a
bridge divider by 2. As a consequence, the converted digital value is half the VBAT voltage.
3.13.4
OPAMP reference voltage (VOPAMP)
Every OPAMP reference voltage can be measured using a corresponding ADC internal
channel: VOPAMP1 connected to ADC1 channel 15, VOPAMP2 connected to ADC2
channel 17, VOPAMP3 connected to ADC3 channel 17, VOPAMP4 connected to ADC4
channel 17.
3.14
Digital-to-analog converter (DAC)
Up to two 12-bit buffered DAC channels can be used to convert digital signals into analog
voltage signal outputs. The chosen design structure is composed of integrated resistor
strings and an amplifier in inverting configuration.
This digital interface supports the following features:
•
Up to two DAC output channels on STM32F358xC devices
•
8-bit or 10-bit monotonic output
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability on STM32F358xC devices
•
Noise-wave generation
•
Triangular-wave generation
•
Dual DAC channel independent or simultaneous conversions on STM32F358xC
devices
•
DMA capability (for each channel on STM32F358xC devices)
•
External triggers for conversion
3.15
Operational amplifier (OPAMP)
The STM32F358xC devices embed up to four operational amplifiers with external or internal
follower routing and PGA capability (or even amplifier and filter capability with external
components). When an operational amplifier is selected, an external ADC channel is used
to enable output measurement.
The operational amplifier features:
•
8.2 MHz bandwidth
•
0.5 mA output capability
•
Rail-to-rail input/output
•
In PGA mode, the gain can be programmed to be 2, 4, 8 or 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com