Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358XC Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F358XC
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358XC Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F358XC Datasheet HTML 89Page - STMicroelectronics STM32F358XC Datasheet HTML 90Page - STMicroelectronics STM32F358XC Datasheet HTML 91Page - STMicroelectronics STM32F358XC Datasheet HTML 92Page - STMicroelectronics STM32F358XC Datasheet HTML 93Page - STMicroelectronics STM32F358XC Datasheet HTML 94Page - STMicroelectronics STM32F358XC Datasheet HTML 95Page - STMicroelectronics STM32F358XC Datasheet HTML 96Page - STMicroelectronics STM32F358XC Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
DocID025540 Rev 4
93/134
STM32F358xC
Electrical characteristics
118
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 62 for SPI or in Table 63 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 24.
Refer to Section 6.3.13: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 62. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode,SPI1/2/3
--
18
MHz
Slave mode,SPI1/2/3
18
Slave mode transmitter/full
duplex SPI1/2/3
12.5(2)
Duty(SCK)
SPI slave input clock
duty cycle
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
ns
th(NSS)
NSS hold time
Slave mode SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode, fPCLK = 36 MHz,
presc = 4
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
tsu(SI)
Data input setup time
Master mode
5.5
-
-
Slave mode
6.5
-
-
th(MI)
Data input hold time
Master mode
5
-
-
th(SI)
Slave mode
5
-
-
ta(SO)
Data output access time Slave mode, fPCLK = 24 MHz
0
-
4*Tpclk
tdis(SO)
Data output disable time Slave mode
0
-
24
tv(SO)
Data output valid time
Slave mode (after enable edge)
-
25
39
tv(MO)
Data output valid time
Master mode (after enable edge)
-
1.5
3
th(SO)
Data output hold time
Slave mode (after enable edge)
11
-
-
th(MO)
Master mode (after enable edge)
0
-
-
1. Data based on characterization results, not tested in production.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK
low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a
master having tsu(MI) = 0 while Duty(SCK) = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com