Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 111Page - STMicroelectronics STM32F398VE Datasheet HTML 112Page - STMicroelectronics STM32F398VE Datasheet HTML 113Page - STMicroelectronics STM32F398VE Datasheet HTML 114Page - STMicroelectronics STM32F398VE Datasheet HTML 115Page - STMicroelectronics STM32F398VE Datasheet HTML 116Page - STMicroelectronics STM32F398VE Datasheet HTML 117Page - STMicroelectronics STM32F398VE Datasheet HTML 118Page - STMicroelectronics STM32F398VE Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 151 page
background image
DocID027227 Rev 2
115/151
STM32F398VE
Electrical characteristics
142
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDD (see Table 16).
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSS (see Table 16).
Output voltage levels
Unless otherwise specified, the parameters given in Table 63 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 18
. All I/Os (FT, TTa and TC unless otherwise specified) are CMOS and TTL
compliant.
Table 63. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
Output low level voltage for an I/O pin
IIO = +4 mA
1.65 V < VDD < 1.95 V
-0.4
V
VOH(2)
Output high level voltage for an I/O pin
IIO = -4 mA
1.65 V < VDD < 1.95 V
VDD–0.4
-
VOLFM+(1)(3)
Output low level voltage for an FTf I/O pin in
FM+ mode
IIO = +10 mA
1.65 V < VDD < 1.95 V
-0.4
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 16 and the sum of
IIO (I/O ports and control pins) must not exceed IIO(PIN).
2. The IIO current sourced by the device must always respect the absolute maximum rating specified in Table 16 and the sum
of IIO (I/O ports and control pins) must not exceed IIO(PIN).
3. Data based on design simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com