Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 112Page - STMicroelectronics STM32F398VE Datasheet HTML 113Page - STMicroelectronics STM32F398VE Datasheet HTML 114Page - STMicroelectronics STM32F398VE Datasheet HTML 115Page - STMicroelectronics STM32F398VE Datasheet HTML 116Page - STMicroelectronics STM32F398VE Datasheet HTML 117Page - STMicroelectronics STM32F398VE Datasheet HTML 118Page - STMicroelectronics STM32F398VE Datasheet HTML 119Page - STMicroelectronics STM32F398VE Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 151 page
background image
Electrical characteristics
STM32F398VE
116/151
DocID027227 Rev 2
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 34 and
Table 64
, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 18.
Table 64. I/O AC characteristics(1)
OSPEEDRy [1:0]
value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
1(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
125(3)
ns
tr(IO)out
Output low to high level
rise time
-
125(3)
01
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
4(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
62.5(3)
ns
tr(IO)out
Output low to high level
rise time
-25(3)
11
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
10(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
25(3)
ns
tr(IO)out
Output low to high level
rise time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
25(3)
FM+
configuration(4)
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-0.5(3)(4) MHz
tf(IO)out
Output high to low level
fall time
-16(4)
ns
tr(IO)out
Output low to high level
rise time
-44(3)(4)
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-10(3)
-ns
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the RM0316 reference manual for a description of
GPIO Port configuration register.
2. The maximum frequency is defined in Figure 34.
3. Guaranteed by design, not tested in production.
4. The I/O speed configuration is bypassed in FM+ I/O mode. Refer to the reference manual RM0316 for a description of FM+
I/O mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com