Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378VC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F378VC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378VC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F378VC Datasheet HTML 61Page - STMicroelectronics STM32F378VC Datasheet HTML 62Page - STMicroelectronics STM32F378VC Datasheet HTML 63Page - STMicroelectronics STM32F378VC Datasheet HTML 64Page - STMicroelectronics STM32F378VC Datasheet HTML 65Page - STMicroelectronics STM32F378VC Datasheet HTML 66Page - STMicroelectronics STM32F378VC Datasheet HTML 67Page - STMicroelectronics STM32F378VC Datasheet HTML 68Page - STMicroelectronics STM32F378VC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
DocID025608 Rev 4
65/131
STM32F378xx
Electrical characteristics
110
IDDA(1)(2)
Supply current in
Run mode from
VDDA supply
Running from HSE
crystal clock 8 MHz,
code executing
from Flash, PLL on
72 MHz
243.1
243.1
µA
64 MHz
214.1
214.1
48 MHz
159.4
159.4
32 MHz
109.1
109.1
24 MHz
84.7
84.7
16 MHz
60.6
60.6
Running from HSE
crystal clock 8 MHz,
code executing
from Flash, PLL off
8 MHz
1.0
1.0
4 MHz
1.0
1.0
2 MHz
1.0
1.0
1 MHz
1.0
1.0
500 kHz
1.0
1.0
125 kHz
1.0
1.0
ISDADC12 +
ISDADC3
Supply currents in
Run mode from
VDDSD12 and
VDDSD3 (SDADCs
are off)
--
2.5
1
µA
1. VDDA monitoring is off, VDDSD12 monitoring is off.
2. When peripherals are enabled, power consumption of the analog part of peripherals such as ADC, DACs, Comparators,
etc. is not included. Refer to those peripherals characteristics in the subsequent sections.
Table 31. Typical current consumption in Run mode, code with data processing running from
Flash (continued)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com