Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378VC Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F378VC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378VC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F378VC Datasheet HTML 67Page - STMicroelectronics STM32F378VC Datasheet HTML 68Page - STMicroelectronics STM32F378VC Datasheet HTML 69Page - STMicroelectronics STM32F378VC Datasheet HTML 70Page - STMicroelectronics STM32F378VC Datasheet HTML 71Page - STMicroelectronics STM32F378VC Datasheet HTML 72Page - STMicroelectronics STM32F378VC Datasheet HTML 73Page - STMicroelectronics STM32F378VC Datasheet HTML 74Page - STMicroelectronics STM32F378VC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
DocID025608 Rev 4
71/131
STM32F378xx
Electrical characteristics
110
6.3.6
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 6.3.13. However,
the recommended clock input waveform is shown in Figure 13.
Table 35. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ
@VDD = 1.8 V,
VDDA = 3.3 V
Max
Unit
tWUSTOP
Wakeup from Stop mode
-
3.6
5.21
µs
tWUSLEEP
Wakeup from Sleep mode
After WFE instruction
6
CPU
clock
cycles
tWUPOR
Wakeup from Power off state
Startup after NPOR
pin release
62.6
100
µs
Table 36. High-speed external user clock characteristics
Symbol
Parameter(1)
1. Guaranteed by design.
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
CSS is on or
PLL is used
1
832
MHz
CSS is off,
PLL not used
0
VHSEH OSC_IN input pin high level voltage
-
0.7 VDD
-VDD
V
VHSEL OSC_IN input pin low level voltage
-
VSS
-0.3 VDD
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
-
15
-
-
ns
tr(HSE)
tf(HSE)
OSC_IN rise or fall time
-
-
-
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com