Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378VC Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F378VC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378VC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F378VC Datasheet HTML 81Page - STMicroelectronics STM32F378VC Datasheet HTML 82Page - STMicroelectronics STM32F378VC Datasheet HTML 83Page - STMicroelectronics STM32F378VC Datasheet HTML 84Page - STMicroelectronics STM32F378VC Datasheet HTML 85Page - STMicroelectronics STM32F378VC Datasheet HTML 86Page - STMicroelectronics STM32F378VC Datasheet HTML 87Page - STMicroelectronics STM32F378VC Datasheet HTML 88Page - STMicroelectronics STM32F378VC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
DocID025608 Rev 4
85/131
STM32F378xx
Electrical characteristics
110
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on all VDD_x and VDDSDx, plus the
maximum Run consumption of the MCU sourced on VDD cannot exceed the absolute
maximum rating SIVDD (see Table 20).
•
The sum of the currents sunk by all the I/Os on all VSS_x and VSSSD, plus the
maximum Run consumption of the MCU sunk on VSS cannot exceed the absolute
maximum rating SIVSS (see Table 20).
Output voltage levels
Unless otherwise specified, the parameters given in Table 51 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 22. All I/Os are CMOS and TTL compliant (FT, TTa or TC unless otherwise specified).
Note:
I/O pins are powered from VDD voltage except pins which can be used as SDADC inputs:
- The PB10 and PE7 to PE15 I/O pins are powered from VDDSD12.
- PB14 to PB15 and PD8 to PD15 I/O pins are powered from VDDSD3. All I/O pin ground is
internally connected to VSS.
VDD mentioned in the Table 51 represents power voltage for a given I/O pin (VDD or
VDDSD12 or VDDSD3).
Table 51. Output voltage characteristics (1)
1. VDDSD12 is the external power supply for the PB10, and PE7 to PE15 I/O pins (the I/O pin ground is
internally connected to VSS). VDDSD3 is the external power supply for PB14 to PB15 and PD8 to PD15
I/O pins (the I/O pin ground is internally connected to VSS). For those pins all VDD supply references in this
table are related to their given VDDSDx power supply.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(2)
2. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 20
and the sum of IIO (I/O ports and control pins) must not exceed IVSS(Σ).
Output low level voltage for an I/O pin
IIO = +4 mA
1.65 V < VDD < 1.95 V
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 20 and the sum of IIO (I/O ports and control pins) must not exceed IVDD(Σ).
Output high level voltage for an I/O
pin
IIO = +4 mA
1.65 V < VDD < 1.95 V
VDD–0.4
-
VOL(2)(4)
Output low level voltage for an I/O pin
powered by VDDSDx(1)
IIO = +8 mA
2.7 V < VDDSDx < 3.6 V
-0.4
VOH(3)(4)
Output high level voltage for an I/O
pin powered by VDDSDx(1)
VDDSDx
–0.4
-
VOL(2)(4)
4. Guaranteed by design.
Output low level voltage for an I/O pin
powered by VDDSDx(1)
IIO = +20 mA
2.7 V < VDDSDx < 3.6 V
-1.3
VOH(3)(4)
Output high level voltage for an I/O
pin powered by VDDSDx(1)
VDDSDx
–1.3
-
VOLFM+(2)
Output low level voltage for a FTf I/O
pins in FM+ mode
IIO = +10 mA
1.65 V < VDD < 1.95 V
-0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com