Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378VC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F378VC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378VC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F378VC Datasheet HTML 1Page - STMicroelectronics STM32F378VC Datasheet HTML 2Page - STMicroelectronics STM32F378VC Datasheet HTML 3Page - STMicroelectronics STM32F378VC Datasheet HTML 4Page - STMicroelectronics STM32F378VC Datasheet HTML 5Page - STMicroelectronics STM32F378VC Datasheet HTML 6Page - STMicroelectronics STM32F378VC Datasheet HTML 7Page - STMicroelectronics STM32F378VC Datasheet HTML 8Page - STMicroelectronics STM32F378VC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
This is information on a product in full production.
June 2016
DocID025608 Rev 4
1/131
STM32F378xx
ARM®Cortex®-M4 32b MCU+FPU, up to 256KB Flash+32KB SRAM,
timers, 4 ADCs(16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 1.8 V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M4 CPU (72 MHz
max), single-cycle multiplication and HW
division, DSP instruction with FPU (floating-
point unit) and MPU (memory protection unit)
• 1.25 DMIPS/MHz (Dhrystone 2.1)
• Memories
– 256 Kbytes of Flash memory
– 32 Kbytes of SRAM with HW parity check
• CRC calculation unit
• Reset and power management
– Supply: VDD= 1.8 V ± 8%,
VDDA= 1.65 - 3.6 V
– External POR pin
– Low power modes: Sleep and Stop
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x16 PLL option
– Internal 40 kHz oscillator
• Up to 84 fast I/Os
– All mappable on external interrupt vectors
– Up to 45 I/Os with 5 V tolerant capability
• 12-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 16 channels)
– Conversion range: 0 to 3.6 V
– Separate analog supply from 2.4 up to 3.6
• Up to three 16-bit Sigma Delta ADC
– Separate analog supply from 2.2 to 3.6 V,
up to 21 single/ 11 diff channels
• Up to three 12-bit DAC channels
– Separate analog supply from 2.2 to 3.6 V
• Two fast rail-to-rail analog comparators with
programmable input and output with analog
supply from 1.65 to 3.6 V
• Up to 24 capacitive sensing channels
• 17 timers
– Two 32-bit timers and three 16-bit timers
with up to 4 IC/OC/PWM or pulse counters
– Two 16-bit timers with up to 2 IC/OC/PWM
or pulse counters
– Four 16-bit timers with up to 1 IC/OC/PWM
or pulse counter
– Independent and system watchdog timers
– SysTick timer: 24-bit down counter
– Three 16-bit basic timers to drive the DAC
• Calendar RTC with Alarm and periodic wakeup
from Stop
• Communication interfaces
– CAN interface (2.0B Active)
–Two I2Cs supporting Fast Mode Plus
(1 Mbit/s) with 20 mA current sink,
SMBus/PMBus, wakeup from STOP
– Three USARTs supporting synchronous
mode, modem control, ISO/IEC 7816, LIN,
IrDA, auto baud rate, wakeup feature
– Three SPIs (18 Mbit/s) with 4 to 16
programmable bit frames, muxed I2S
– HDMI-CEC bus interface
• Serial wire devices, JTAG, Cortex®-M4 ETM
• 96-bit unique ID
Table 1. Device summary
Reference
Part numbers
STM32F378xx
STM32F378CC, STM32F378RC,
STM32F378VC
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP48 (7 × 7 mm)
UFBGA100
(7 x 7 mm)
WLCSP66
(0.400 mm)
www.st.com


Similar Part No. - STM32F378VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F372C8 STMICROELECTRONICS-STM32F372C8 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372CB STMICROELECTRONICS-STM32F372CB Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372CC STMICROELECTRONICS-STM32F372CC Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372R8 STMICROELECTRONICS-STM32F372R8 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372RB STMICROELECTRONICS-STM32F372RB Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
More results

Similar Description - STM32F378VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com