Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378VC Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F378VC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378VC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F378VC Datasheet HTML 101Page - STMicroelectronics STM32F378VC Datasheet HTML 102Page - STMicroelectronics STM32F378VC Datasheet HTML 103Page - STMicroelectronics STM32F378VC Datasheet HTML 104Page - STMicroelectronics STM32F378VC Datasheet HTML 105Page - STMicroelectronics STM32F378VC Datasheet HTML 106Page - STMicroelectronics STM32F378VC Datasheet HTML 107Page - STMicroelectronics STM32F378VC Datasheet HTML 108Page - STMicroelectronics STM32F378VC Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 131 page
background image
DocID025608 Rev 4
105/131
STM32F378xx
Electrical characteristics
110
6.3.22
CAN (controller area network) interface
Refer to Section 6.3.13: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
6.3.23
SDADC characteristics
Table 70. SDADC characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note
VDDSDx
Power
supply
Slow mode (fADC = 1.5 MHz)
2.2
-
VDDA
V
-
Normal mode (fADC = 6 MHz)
2.4
-
VDDA
-
fADC
SDADC
clock
frequency
Slow mode (fADC = 1.5 MHz)
0.5
1.5
1.65
MHz
-
Normal mode (fADC = 6 MHz)
0.5
6
6.3
-
VREFSD+
Positive
ref. voltage
-1.1
-
VDDSDx
V-
VREFSD-
Negative
ref. voltage
--
VSSA
-V
-
IDDSDx
Supply
current
(VDDSDx =
3.3 V)
Normal mode (fADC = 6 MHz)
-
800
1200
µA
-
Slow mode (fADC = 1.5 MHz)
-
-
600
-
Standby
-
-
200
-
Power down
-
-
2.5
-
SD_ADC off
-
-
1
-
VAIN
Common
input
voltage
range
Single ended mode (zero reference)
VREFSD-
-
VREFSD+
/gain
V
Voltage on
AINP or
AINN pin
Single ended offset mode
VREFSD-
-
VREFSD+/
(gain*2)
Differential mode
VSSA
-VDDSDx
VDIFF
Differential
input
voltage
Differential mode only
-VREFSD+/
(gain*2)
-
VREFSD+/
(gain*2)
-
Differential
voltage
between
AINP and
AINN
fS
Sampling
rate
Slow mode (fADC = 1.5 MHz)
-
4.166
-
kHz
fADC/360
Slow mode one channel only
(fADC = 1.5 MHz)
-12.5
-
fADC/120
Normal mode multiplexed channel
(fADC = 6 MHz)
-
16.66
-
fADC/360
Normal mode one channel only,
FAST= 1
(fADC = 6 MHz)
-50
-
fADC/120
tCONV
Conversio
n time
--
1/fs
-
s
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com