Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383VC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F383VC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383VC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F383VC Datasheet HTML 55Page - STMicroelectronics STM32F383VC Datasheet HTML 56Page - STMicroelectronics STM32F383VC Datasheet HTML 57Page - STMicroelectronics STM32F383VC Datasheet HTML 58Page - STMicroelectronics STM32F383VC Datasheet HTML 59Page - STMicroelectronics STM32F383VC Datasheet HTML 60Page - STMicroelectronics STM32F383VC Datasheet HTML 61Page - STMicroelectronics STM32F383VC Datasheet HTML 62Page - STMicroelectronics STM32F383VC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
DocID023367 Rev 2
59/125
STM32F383xx
Electrical characteristics
109
6.3.3
Embedded reference voltage
The parameters given in Table 25 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 22.
Table 24. Embedded internal reference voltage calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at
temperature of 30 °C
VDDA= 3.3 V
0x1FFF F7BA - 0x1FFF F7BB
Table 25. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C 1.16
1.21
1.26
V
–40 °C < TA < +85 °C 1.16
1.20 1.24(1)
TS_vrefint(2)
ADC sampling time when reading the
internal reference voltage
17.10
-
-
µs
VREFINT_s(3)
Internal reference voltage spread over the
temperature range
VDD = 3 V ±10 mV
-
-
10
mV
TCoeff(3)
Temperature coefficient
-
-
100
ppm/°C
tSTART(3)
Startup time
-
-
10
µs
tVREFINT_RD
Y
(4)
Internal reference voltage temporization
1.50
2.50
4.50
ms
1. Data based on characterization results, not tested in production.
2. Shortest sampling time can be determined in the application by multiple iterations.
3. Guaranteed by design, not tested in production.
4. Guaranteed by design, not tested in production. Latency between the time when the NPOR pin is set to 1 by the application
and the time when the VREFINTRDYF bit is set to 1 by the hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com