Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383VC Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F383VC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383VC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F383VC Datasheet HTML 81Page - STMicroelectronics STM32F383VC Datasheet HTML 82Page - STMicroelectronics STM32F383VC Datasheet HTML 83Page - STMicroelectronics STM32F383VC Datasheet HTML 84Page - STMicroelectronics STM32F383VC Datasheet HTML 85Page - STMicroelectronics STM32F383VC Datasheet HTML 86Page - STMicroelectronics STM32F383VC Datasheet HTML 87Page - STMicroelectronics STM32F383VC Datasheet HTML 88Page - STMicroelectronics STM32F383VC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
DocID023367 Rev 2
85/125
STM32F383xx
Electrical characteristics
109
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 19 and
Table 51, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 22.
Table 51. I/O AC characteristics(1)
OSPEEDRy
[1:0] value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
1
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-125(3)
ns
tr(IO)out
Output low to high level
rise time
-125(3)
01
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
4
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-62.5
ns
tr(IO)out
Output low to high level
rise time
-62.5
11
fmax(IO)out Maximum frequency(2)(3) CL = 50 pF, VDD = 1.65 V to 1.95 V
-
10
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
25
ns
tr(IO)out
Output low to high level
rise time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
25
FM+
configuration
(4)
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-0.5
MHz
tf(IO)out
Output high to low level
fall time
-16
ns
tr(IO)out
Output low to high level
rise time
-44
tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
10
-
ns
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the RM0313 reference manual for a description of
GPIO Port configuration register.
2. The maximum frequency is defined in Figure 19.
3. Guaranteed by design, not tested in production.
4. The I/O speed configuration is bypassed in FM+ I/O mode. Refer to the STM32F37xx and STM32F38xx reference manual
RM0313 for a description of FM+ I/O mode configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com