Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383VC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F383VC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383VC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F383VC Datasheet HTML 6Page - STMicroelectronics STM32F383VC Datasheet HTML 7Page - STMicroelectronics STM32F383VC Datasheet HTML 8Page - STMicroelectronics STM32F383VC Datasheet HTML 9Page - STMicroelectronics STM32F383VC Datasheet HTML 10Page - STMicroelectronics STM32F383VC Datasheet HTML 11Page - STMicroelectronics STM32F383VC Datasheet HTML 12Page - STMicroelectronics STM32F383VC Datasheet HTML 13Page - STMicroelectronics STM32F383VC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
Description
STM32F383xx
10/125
DocID023367 Rev 2
Table 2. Device overview
Peripheral
STM32F
383Cx
STM32F
383Rx
STM32F
383Vx
Flash (Kbytes)
64
128
256
64
128
256
64
128
256
SRAM (Kbytes)
16
24
32
16
24
32
16
24
32
Timers
General
purpose
9 (16-bit)
2 (32 bit)
Basic
3 (16-bit)
Comm.
interfaces
SPI/I2S
3
I2C2
USART
3
CAN
1
Capacitive sensing
channels
14
17
24
12-bit ADCs
1
16-bit ADCs Sigma- Delta
3
12-bit DACs outputs
3
Analog comparator
2
Max. CPU frequency
72 MHz
Main operating voltage
1.8 V +/- 8%
16-bit SDADC operating voltage
2.2 to 3.6 V
Operating temperature
Ambient operating temperature:
−40 to 85 °C / −40 to 105 °C
Junction temperature:
−40 to 105 °C / −40 to 125 °C
Packages
LQFP48
LQFP64,
WLCSP66
LQFP100,
UFBGA100(1)
1. UFBGA100 package available on 256-KB versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com