Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383VC Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F383VC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383VC Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F383VC Datasheet HTML 91Page - STMicroelectronics STM32F383VC Datasheet HTML 92Page - STMicroelectronics STM32F383VC Datasheet HTML 93Page - STMicroelectronics STM32F383VC Datasheet HTML 94Page - STMicroelectronics STM32F383VC Datasheet HTML 95Page - STMicroelectronics STM32F383VC Datasheet HTML 96Page - STMicroelectronics STM32F383VC Datasheet HTML 97Page - STMicroelectronics STM32F383VC Datasheet HTML 98Page - STMicroelectronics STM32F383VC Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 125 page
background image
DocID023367 Rev 2
95/125
STM32F383xx
Electrical characteristics
109
6.3.16
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 58 are preliminary values derived
from tests performed under ambient temperature, fPCLK2 frequency and VDDA supply
voltage conditions summarized in Table 22.
Note:
It is recommended to perform a calibration after each power-up.
Table 58. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
2.4
-
3.6
V
VREF+
Positive reference voltage
2.4
-
VDDA
V
IDDA(ADC)(1) Current consumption from VDDA
VDDA = 3.3 V
-
0.9
-
mA
IVREF
Current on the VREF input pin
-
160(2)
220(2)
µA
fADC
ADC clock frequency
0.6
-
14
MHz
fS(3)
Sampling rate
0.05
-
1
MHz
fTRIG(3)
External trigger frequency
fADC = 14 MHz
-
-
823
kHz
--
17
1/fADC
VAIN
Conversion voltage range
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RSRC(3)
Signal source impedance
See Equation 1 and
Table 59 for details
--
50
κΩ
RADC(3)
Sampling switch resistance
-
-
1
κΩ
CADC(3)
Internal sample and hold
capacitor
--
8
pF
tCAL(3)
Calibration time
fADC = 14 MHz
5.9
µs
83
1/fADC
tlat(3)
Injection trigger conversion
latency
fADC = 14 MHz
-
-
0.214
µs
--
2(4)
1/fADC
tlatr(3)
Regular trigger conversion
latency
fADC = 14 MHz
-
-
0.143
µs
--
2(4)
1/fADC
tS(3)
Sampling time
fADC = 14 MHz
0.107
-
17.1
µs
1.5
-
239.5
1/fADC
tSTAB(3)
Power-up time
0
0
1
µs
tCONV(3)
Total conversion time (including
sampling time)
fADC = 14 MHz
1
-
18
µs
14 to 252 (tS for sampling +12.5 for
successive approximation)
1/fADC
1. During conversion of the sampled value (12.5 x ADC clock period), an additional consumption of 100 µA on IDDA and 60 µA
on IDD is present
2. Based on characterization, not tested in production.
3. Guaranteed by design, not tested in production.
4. For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com