Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383VC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F383VC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383VC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F383VC Datasheet HTML 97Page - STMicroelectronics STM32F383VC Datasheet HTML 98Page - STMicroelectronics STM32F383VC Datasheet HTML 99Page - STMicroelectronics STM32F383VC Datasheet HTML 100Page - STMicroelectronics STM32F383VC Datasheet HTML 101Page - STMicroelectronics STM32F383VC Datasheet HTML 102Page - STMicroelectronics STM32F383VC Datasheet HTML 103Page - STMicroelectronics STM32F383VC Datasheet HTML 104Page - STMicroelectronics STM32F383VC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 125 page
background image
DocID023367 Rev 2
101/125
STM32F383xx
Electrical characteristics
109
6.3.19
Temperature sensor characteristics
Vhys
Comparator hysteresis
No hysteresis
(COMPxHYST[1:0]=00)
-0
-
mV
Low hysteresis
(COMPxHYST[1:0]=01)
High speed mode
3
8
13
All other power
modes
510
Medium hysteresis
(COMPxHYST[1:0]=10)
High speed mode
7
15
26
All other power
modes
919
High hysteresis
(COMPxHYST[1:0]=11)
High speed mode
18
31
49
All other power
modes
19
40
1. Guaranteed by design, not tested in production.
Table 62. Comparator characteristics (continued)
Symbol
Parameter
Conditions
Min Typ Max(1)
Unit
Table 63. Temperature sensor calibration values
Calibration value name
Description
Memory address
TS_CAL1
TS ADC raw data acquired at
temperature of 30 °C,
VDDA= 3.3 V
0x1FFF F7B8 - 0x1FFF F7B9
TS_CAL2
TS ADC raw data acquired at
temperature of 110 °C
VDDA= 3.3 V
0x1FFF F7C2 - 0x1FFF F7C3
Table 64. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL
VSENSE linearity with temperature
-
±1
±2°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V25
Voltage at 25 °C
1.34
1.43
1.52
V
tSTART(1)
1. Guaranteed by design, not tested in production.
Startup time
4
-
10
µs
TS_temp(2)(1)
2. Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
17.1
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com