Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L053C6
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L053C6 Datasheet HTML 59Page - STMicroelectronics STM32L053C6 Datasheet HTML 60Page - STMicroelectronics STM32L053C6 Datasheet HTML 61Page - STMicroelectronics STM32L053C6 Datasheet HTML 62Page - STMicroelectronics STM32L053C6 Datasheet HTML 63Page - STMicroelectronics STM32L053C6 Datasheet HTML 64Page - STMicroelectronics STM32L053C6 Datasheet HTML 65Page - STMicroelectronics STM32L053C6 Datasheet HTML 66Page - STMicroelectronics STM32L053C6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
DocID025844 Rev 7
63/132
STM32L053x6 STM32L053x8
Electrical characteristics
112
Table 32. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Sleep)
Supply current
in Sleep
mode, Flash
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
43.5
90
µA
2 MHz
72
120
4 MHz
130
180
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
4 MHz
160
210
8 MHz
305
370
16 MHz
590
710
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
370
430
16 MHz
715
860
32 MHz
1650
1900
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
18
65
524 kHz
31.5
75
4.2 MHz
140
210
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
665
830
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1750
2100
Supply current
in Sleep
mode, Flash
ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
57.5
130
2 MHz
84
170
4 MHz
150
280
Range 2,
CORE=1.5 V,
VOS[1:0]=10
4 MHz
170
310
8 MHz
315
420
16 MHz
605
770
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
380
460
16 MHz
730
950
32 MHz
1650
2400
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
29.5
110
524 kHz
44.5
130
4.2 MHz
150
270
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
680
950
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1750
2100
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com